전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4223 데이터시트(PDF) 1 Page - Cirrus Logic

부품명 CS4223
상세설명  24-Bit 105 dB Audio Codec with Volume Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4223 데이터시트(HTML) 1 Page - Cirrus Logic

  CS4223 Datasheet HTML 1Page - Cirrus Logic CS4223 Datasheet HTML 2Page - Cirrus Logic CS4223 Datasheet HTML 3Page - Cirrus Logic CS4223 Datasheet HTML 4Page - Cirrus Logic CS4223 Datasheet HTML 5Page - Cirrus Logic CS4223 Datasheet HTML 6Page - Cirrus Logic CS4223 Datasheet HTML 7Page - Cirrus Logic CS4223 Datasheet HTML 8Page - Cirrus Logic CS4223 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1999
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
24-Bit 105 dB Audio Codec with Volume Control
Features
l 105 dB Dynamic Range A/D Converters
l 105 dB Dynamic Range D/A Converters
l 110 dB DAC Signal-to-Noise Ratio (EIAJ)
l Analog Volume Control (CS4224 only)
l Differential Inputs / Outputs
l On-chip Anti-aliasing and Output Smoothing
Filters
l De-emphasis for 32, 44.1 and 48 kHz
l Supports Master and Slave Modes
l Single +5 V power supply
l On-Chip Crystal Oscillator
l 3 - 5 V Digital Interface
Description
The CS4223/4 is a highly integrated, high performance,
24-bit, audio codec providing stereo analog-to-digital
and stereo digital-to-analog converters using delta-sig-
ma conversion techniques. The device operates from a
single +5 V power supply, and features low power con-
sumption. Selectable de-emphasis filter for 32, 44.1, and
48 kHz sample rates is also included.
The CS4224 includes an analog volume control capable
of 113.5 dB attenuation in 0.5 dB steps. The analog vol-
ume control architecture preserves dynamic range
during attenuation. Volume control changes are imple-
mented using a “soft” ramping or zero crossing
technique.
Applications include digital effects processors, DAT, and
multitrack recorders.
ORDERING INFORMATION
CS4223-KS
-10 to +70 °C
28-pin SSOP
CS4223-BS
-40 to +85 °C
28-pin SSOP
CS4224-KS
-10 to +70 °C
28-pin SSOP
CS4224-BS
-40 to +85 °C
28-pin SSOP
CDB4223/4
Evaluation Board
I
SCL/CCLK SDA/CDIN AD0/CS
MCLK
VD
VA
RST
LRCK
SCLK
SDIN
SDOUT
DGND
AGND
AOUTL+
AOUTL-
AOUTR+
AOUTR-
AINL-
AINL+
AINR-
AINR+
Control Port
Left
DAC
Right
DAC
Voltage
Reference
Left
ADC
Right
ADC
Volume
Control
(DIF1)(DIF0)(DEM0)
I C/SPI
(DEM1)
2
Clock OSC
( ) = CS4223
Volume
Control
VL
XTI
XTO
* = CS4224
*
*
APR ‘00
DS290PP3
CS4223
CS4224


유사한 부품 번호 - CS4223

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4223-BS CIRRUS-CS4223-BS Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
CS4223-DS CIRRUS-CS4223-DS Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
CS4223-KS CIRRUS-CS4223-KS Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
CS4223 CIRRUS-CS4223_03 Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
More results

유사한 설명 - CS4223

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4223 CIRRUS-CS4223_03 Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
CS4222 CIRRUS-CS4222_02 Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
   24-bit, 192kHz 6-Channel Codec with Volume Control
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
   24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
   24-bit, 192kHz 8-Channel Codec with Volume Control
logo
Cirrus Logic
CS4245 CIRRUS-CS4245 Datasheet
1Mb / 54P
   105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com