전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC4057 데이터시트(PDF) 2 Page - Savantic, Inc.

부품명 2SC4057
상세설명  n NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAVANTIC [Savantic, Inc.]
홈페이지  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC4057 데이터시트(HTML) 2 Page - Savantic, Inc.

  2SC4057 Datasheet HTML 1Page - Savantic, Inc. 2SC4057 Datasheet HTML 2Page - Savantic, Inc. 2SC4057 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC4057
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.2A; IB=0
450
V
VCEsat
Collector-emitter saturation voltage
IC=4A ;IB=0.8A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=4A ;IB=0.8A
1.5
V
ICBO
Collector cut-off current
ICEO
Collector cut-off current
At rated voltage
0.1
mA
IEBO
Emitter cut-off current
At rated voltage
0.1
mA
hFE-1
DC current gain
IC=4A ; VCE=5V
10
hFE-2
DC current gain
IC=1mA ; VCE=5V
5
fT
Transition frequency
IC=0.8A ; VCE=10V
20
MHz
Switching times resistive load
ton
Turn-on time
0.5
µs
ts
Storage time
2.0
µs
tf
Fall time
IC=4A
IB1=0.8A; IB2=1.6A
VBB2=4V ,RL=37.5C
0.2
µs


유사한 부품 번호 - 2SC4057

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
2SC4057 SHINDENGEN-2SC4057 Datasheet
513Kb / 12P
   Switching Power Transistor(8A NPN)
logo
Savantic, Inc.
2SC4057 SAVANTIC-2SC4057 Datasheet
125Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4057 JMNIC-2SC4057 Datasheet
156Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4057 ISC-2SC4057 Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4057 JMNIC-2SC4057_15 Datasheet
156Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - 2SC4057

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
   NPN power transistors
1998 May 29
logo
Unisonic Technologies
BD139 UTC-BD139 Datasheet
84Kb / 2P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BU508F TEL-BU508F Datasheet
59Kb / 2P
   NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
D42C ETC1-D42C Datasheet
312Kb / 4P
   NPN POWER TRANSISTORS
logo
STMicroelectronics
BD241A STMICROELECTRONICS-BD241A_07 Datasheet
258Kb / 9P
   NPN power transistors
logo
New Jersey Semi-Conduct...
2N5329 NJSEMI-2N5329 Datasheet
179Kb / 1P
   NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP33F TEL-TIP33F Datasheet
126Kb / 3P
   NPN POWER TRANSISTORS
logo
NXP Semiconductors
BD135 PHILIPS-BD135 Datasheet
44Kb / 8P
   NPN power transistors
1999 Apr 12
logo
Continental Device Indi...
BU207 CDIL-BU207 Datasheet
249Kb / 4P
   NPN POWER TRANSISTORS
BUF508F CDIL-BUF508F Datasheet
40Kb / 3P
   NPN POWER TRANSISTORS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com