전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDB4340A 데이터시트(PDF) 11 Page - Cirrus Logic

부품명 CDB4340A
상세설명  24-Bit, 192 kHz Stereo DAC for Audio?
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4340A 데이터시트(HTML) 11 Page - Cirrus Logic

Back Button CDB4340A Datasheet HTML 7Page - Cirrus Logic CDB4340A Datasheet HTML 8Page - Cirrus Logic CDB4340A Datasheet HTML 9Page - Cirrus Logic CDB4340A Datasheet HTML 10Page - Cirrus Logic CDB4340A Datasheet HTML 11Page - Cirrus Logic CDB4340A Datasheet HTML 12Page - Cirrus Logic CDB4340A Datasheet HTML 13Page - Cirrus Logic CDB4340A Datasheet HTML 14Page - Cirrus Logic CDB4340A Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
CS4340A
DS590PP2
11
4. CHARACTERISTICS AND SPECIFICATIONS Typical performance characteristics are derived
from measurements taken at TA =25 °C, VA = 3.3 V and VA = 5.0 V. Min/Max performance characteristics are
guaranteed over the specified operating temperature and voltages.)
ANALOG CHARACTERISTICS (CS4340A-KS) (Test conditions (unless otherwise specified):
Input test signal is a 997 Hz sine wave; measurement bandwidth is 10 Hz to 20 kHz; test load RL =10kΩ,CL =10
pF (see Figure 7).)
Parameter
VA = 5.0V
VA = 3.3V
Min
Typ
Max
Min
Typ
Max
Unit
Single-Speed Mode
Fs = 48kHz
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
92
95
-
-
98
101
92
95
-
-
-
-
88
91
-
-
94
97
92
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-91
-78
-38
-90
-72
-32
-85
-
-
-
-
-
-
-
-
-
-
-
-94
-74
-34
-91
-72
-32
-88
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Double-Speed Mode
Fs = 96kHz
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
92
95
-
-
98
101
92
95
-
-
-
-
88
91
-
-
94
97
92
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-91
-78
-38
-90
-72
-32
-85
-
-
-
-
-
-
-
-
-
-
-
-94
-74
-34
-91
-72
-32
-88
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Quad-Speed Mode
Fs = 192kHz
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
92
95
-
-
98
101
92
95
-
-
-
-
88
91
-
-
94
97
92
95
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-91
-78
-38
-90
-72
-32
-85
-
-
-
-
-
-
-
-
-
-
-
-94
-74
-34
-91
-72
-32
-88
-
-
-
-
-
dB
dB
dB
dB
dB
dB


유사한 부품 번호 - CDB4340A

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CDB4340A CIRRUS-CDB4340A Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
More results

유사한 설명 - CDB4340A

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com