전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4360-KS 데이터시트(PDF) 5 Page - Cirrus Logic

부품명 CS4360-KS
상세설명  24-Bit, 192 kHz 6 Channel D/A Converter?
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360-KS 데이터시트(HTML) 5 Page - Cirrus Logic

  CS4360-KS Datasheet HTML 1Page - Cirrus Logic CS4360-KS Datasheet HTML 2Page - Cirrus Logic CS4360-KS Datasheet HTML 3Page - Cirrus Logic CS4360-KS Datasheet HTML 4Page - Cirrus Logic CS4360-KS Datasheet HTML 5Page - Cirrus Logic CS4360-KS Datasheet HTML 6Page - Cirrus Logic CS4360-KS Datasheet HTML 7Page - Cirrus Logic CS4360-KS Datasheet HTML 8Page - Cirrus Logic CS4360-KS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
CS4360
DS517PP1
5
1.
CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (Full-Scale Output Sine Wave, 997 Hz; for Single-Speed Mode,
Fs = 48 kHz, SCLK = 3.072 MHz, MCLK = 12.288 MHz; for Double-Speed Mode Fs = 96 kHz, SCLK = 6.144 MHz,
MCLK = 12.288 MHz; for Quad-Speed Mode Fs = 192 kHz, SCLK = 12.288 MHz, MCLK = 24.576 MHz; Measure-
ment Bandwidth 10 Hz to 20 kHz, unless otherwise specified. Test load RL = 10 kΩ, CL = 10 pF (see Figure 15).
VA = VD = VLS = VLC),
Notes: 1. CS4360-KS/-KZ parts are tested at 25 °C.
2. One-half LSB of triangular PDF dither is added to data.
3. CS4360-BS/-BZ parts are tested at the extremes of the specified temperature range and Min/Max
performance numbers are guaranteed across the specified temperature range, TA. Typical numbers are
taken at 25 °C.
ANALOG CHARACTERISTICS (Continued)
Parameter
VA = 5 V
VA = 3 V
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
CS4360-KS/-KZ Dynamic Performance (Note 1)
Specified Temperature Range
TA
-10
-
70
-10
-
70
°C
Dynamic Range
(Note 2)
unweighted
A-Weighted
40 kHz Bandwidth
A-Weighted
TBD
TBD
-
99
102
100
-
-
-
TBD
TBD
-
94
97
97
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 2)
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-91
-79
-39
TBD
-
-
-
-
-
-91
-74
-34
TBD
-
-
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
102
-
-
102
-
dB
CS4360-BS/-BZ Dynamic Performance (Note 3)
Specified Temperature Range
TA
-40
-
85
-40
-
85
°C
Dynamic Range
(Note 2)
unweighted
A-Weighted
40 kHz Bandwidth
A-Weighted
TBD
TBD
-
99
102
100
-
-
-
TBD
TBD
-
94
97
97
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 2)
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-91
-79
-39
TBD
-
-
-
-
-
-91
-74
-34
TBD
-
-
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
102
-
-
102
-
dB
Parameter
Symbol
Min
Typ
Max
Unit
Combined Digital and On-chip Analog Filter Response - Single-Speed Mode (Note 4)
Passband
(Note 5)
to -0.05 dB corner
to -3 dB corner
0
0
-
-
.4535
.4998
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-.02
-
+.035
dB
StopBand
.5465
-
-
Fs


유사한 부품 번호 - CS4360-KS

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4360-KZ CIRRUS-CS4360-KZ Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4360-KZZ CIRRUS-CS4360-KZZ Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
More results

유사한 설명 - CS4360-KS

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4360 CIRRUS-CS4360_04 Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4361 CIRRUS-CS4361 Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
CS4364 CIRRUS-CS4364_08 Datasheet
1Mb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com