전자부품 데이터시트 검색엔진 |
|
CS4333-BS 데이터시트(PDF) 3 Page - Cirrus Logic |
|
CS4333-BS 데이터시트(HTML) 3 Page - Cirrus Logic |
3 / 38 page SWITCHING CHARACTERISTICS (TA = 25 °C; VA+ = 2.7V - 5.5V; Inputs: Logic 0 = 0V, Logic 1 = VA+, CL = 20 pF) Switching characteristics are guaranteed by characterization. Parameter Symbol Min Typ Max Units Input Sample Rate Fs 2 - 50 kHz LRCK Duty Cycle (External SCLK only) (Note 5) 30 50 70 % MCLK Pulse Width High MCLK / LRCK = 512 10 - 1000 ns MCLK Pulse Width Low MCLK / LRCK = 512 15 - 1000 ns MCLK Pulse Width High MCLK / LRCK = 384 21 - 1000 ns MCLK Pulse Width Low MCLK / LRCK = 384 21 - 1000 ns MCLK Pulse Width High MCLK / LRCK = 256 35 - 1000 ns MCLK Pulse Width Low MCLK / LRCK = 256 39 - 1000 ns External SCLK Mode SCLK Pulse Width Low tsclkl 20 - - ns SCLK Pulse Width High tsclkh 20 - - ns SCLK Period tsclkw 1 (128)Fs -- ns SCLK rising to LRCK edge delay tslrd 20 - - ns SCLK rising to LRCK edge setup time tslrs 20 - - ns SDATA valid to SCLK rising setup time tsdlrs 20 - - ns SCLK rising to SDATA hold time tsdh 20 - - ns Internal SCLK Mode SCLK Period (Note 6) tsclkw 1 SCLK -- ns SCLK rising to LRCK edge tsclkr - tsclkw 2 - µs SDATA valid to SCLK rising setup time tsdlrs 1 (512)Fs + 15 -- ns SCLK rising to SDATA hold time MCLK / LRCK = 256 or 512 tsdh 1 (512)Fs +15 -- ns SCLK rising to SDATA hold time MCLK / LRCK = 384 tsdh 1 (384)Fs +15 -- ns Notes: 5. In Internal SCLK Mode, the Duty Cycle must be 50% ±1/2 MCLK Period. 6. The SCLK / LRCK ratio may be either 32, 48, or 64. CS4330, CS4331, CS4333 DS136F1 3 |
유사한 부품 번호 - CS4333-BS |
|
유사한 설명 - CS4333-BS |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |