전자부품 데이터시트 검색엔진 |
|
UC2843BN 데이터시트(PDF) 4 Page - Motorola, Inc |
|
UC2843BN 데이터시트(HTML) 4 Page - Motorola, Inc |
4 / 16 page UC3842B, 43B UC2842B, 43B 4 MOTOROLA ANALOG IC DEVICE DATA ELECTRICAL CHARACTERISTICS (VCC = 15 V [Note 2], RT = 10 k, CT = 3.3 nF, for typical values TA = 25°C, for min/max values TA is the operating ambient temperature range that applies [Note 3], unless otherwise noted.) UC284XB UC384XB, BV Characteristics Symbol Min Typ Max Min Typ Max Unit PWM SECTION Duty Cycle Maximum (UC284XB, UC384XB) Maximum (UC384XBV) Minimum DC(max) DC(min) 94 – – 96 – – – – 0 94 93 – 96 96 – – – 0 % TOTAL DEVICE Power Supply Current Startup (VCC = 6.5 V for UCX843B, Startup (VCC 14 V for UCX842B, BV) Operating (Note 2) ICC + IC – – 0.3 12 0.5 17 – – 0.3 12 0.5 17 mA Power Supply Zener Voltage (ICC = 25 mA) VZ 30 36 – 30 36 – V NOTES: 2. Adjust VCC above the Startup threshold before setting to 15 V. 3. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible. Tlow =0°C for UC3842B, UC3843B Thigh = +70°C for UC3842B, UC3843B Tlow = –25°C for UC2842B, UC2843B Thigh = +85°C for UC2842B, UC2843B Tlow = –40°C for UC3842BV, UC3843BV Thigh = +105°C for UC3842BV, UC3843BV 0.8 2.0 5.0 8.0 20 50 80 1.0 M 500 k 200 k 100 k 50 k 20 k 10 k fOSC, OSCILLATOR FREQUENCY (kHz) VCC = 15 V TA = 25°C Figure 1. Timing Resistor versus Oscillator Frequency Figure 2. Output Deadtime versus Oscillator Frequency 1.0 M 500 k 200 k 100 k 50 k 20 k 10 k fOSC, OSCILLATOR FREQUENCY (kHz) 1.0 2.0 5.0 10 20 50 100 1 2 Figure 3. Oscillator Discharge Current versus Temperature Figure 4. Maximum Output Duty Cycle versus Timing Resistor 7.0 –55 TA, AMBIENT TEMPERATURE (°C) – 25 0 25 50 75 100 125 7.5 8.0 8.5 9.0 VCC = 15 V VOSC = 2.0 V 40 0.8 RT, TIMING RESISTOR (kΩ) 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 50 60 70 80 90 100 Idischg = 7.5 mA VCC = 15 V CT = 3.3 nF TA = 25°C 1. CT = 10 nF 2. CT = 5.0 nF 3. CT = 2.0 nF 4. CT = 1.0 nF 5. CT = 500 pF 6. CT = 200 pF 7. CT = 100 pF 5 Idischg = 8.8 mA 7 3 6 4 VCC = 15 V TA = 25°C |
유사한 부품 번호 - UC2843BN |
|
유사한 설명 - UC2843BN |