전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF1010 데이터시트(PDF) 1 Page - Nell Semiconductor Co., Ltd

부품명 IRF1010
상세설명  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF1010 데이터시트(HTML) 1 Page - Nell Semiconductor Co., Ltd

  IRF1010 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF1010 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF1010 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF1010 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF1010 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF1010 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF1010 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
N-Channel Power MOSFET
Nell High Power Products
IRF1010 Series
(84A, 60Volts)
They are designed as an extremely efficient
and reliable device for use in a wide variety of
applications. These transistors can be operated
directly from integrated circuits.
The Nell IRF1010 is a three-terminal silicon
device with current conduction capability
of 84A, fast switching speed, low on-state
resistance, breakdown voltage rating of 60V,
and max. threshold voltage of 4 volts.
DESCRIPTION
Low reverse transfer capacitance
(C
= 200pF typical)
RSS
R
= 8.5mΩ @ V
= 10V
DS(ON)
GS
Ultra low gate charge(86nC max.)
Fast switching capability
100% avalanche energy specified
Improved dv/dt capability
175°C operation temperature
FEATURES
PRODUCT SUMMARY
I (A)
D
84
V
(V)
DSS
75
8.5 @ V
= 10V
GS
86
R
(mΩ)
DS(ON)
Q (nC) max.
G
D (Drain)
G
(Gate)
S (Source)
TO-220AB
(IRF1010A)
D
G
D
S
2
TO-263(D PAK)
(IRF1010H)
UNIT
V /ns
V
W /°C
A
ºC
-55 to 175
VALUE
84
60
60
±20
340
60
140
5
ABSOLUTE MAXIMUM RATINGS (T = 25°C unless otherwise specified)
C
T =25°C to 150°C
J
TEST CONDITIONS
R
=20KΩ
GS
V
=10V,
GS
T =25°C
C
V
=10V,
GS
T =100°C
C
Operation junction temperature
Storage temperature
Peak diode recovery dv/dt(Note 4)
PARAMETER
Pulsed Drain current(Note 2)
Continuous Drain Current
(Note 1)
Total power dissipation
Gate to Source voltage
Drain to Gate voltage
Drain to Source voltage
SYMBOL
VDGR
VDSS
dv/dt
VGS
IDM
TSTG
PD
ID
TJ
TL
.
.
lbf in (N m)
300
Maximum soldering temperature, for 10 seconds
Mounting torque, #6-32 or M3 screw
-55 to 175
Note:
1.Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 75A.
10 (1.1)
1.6mm from case
IAR
Avalanche current(Note 2)
51
T =25°C
C
2
.Repetitive rating: pulse width limited by junction temperature.
Repetitive avalanche energy(Note
2)
EAR
3
.L=0.077mH, I
51A, R =25Ω, starting T =25˚C
AS
G
J
0.90
Derating factor above 25
°C
G
D
S
D
www.nellsemi.com
Page 1 of 7
W
I (A), Package Limited
D
60
EAS
Single pulse avalanche energy(Note 3)
mJ
99
See fig.12,16,17
L=0.077mH, I
=51A
AS
4
.I
≤ 51A, di/dt ≤ 260A/µs, V
V
, T
175°C.
SD
DD
(BR)DSS
J


유사한 부품 번호 - IRF1010

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
   Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRF1010E ISC-IRF1010E Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF1010EL IRF-IRF1010EL Datasheet
123Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A??
IRF1010ELPBF IRF-IRF1010ELPBF Datasheet
218Kb / 10P
   HEXFET Power MOSFET
More results

유사한 설명 - IRF1010

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com