전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6862WLTY 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FAN6862WLTY
상세설명  Highly Integrated Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6862WLTY 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FAN6862WLTY Datasheet HTML 1Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 2Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 3Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 4Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 5Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 6Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 7Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 8Page - Fairchild Semiconductor FAN6862WLTY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6862W • Rev. 1.0.0
5
Electrical Characteristics
VDD = 15 V and TA = 25°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VDD Section
VDD-OP
Continuously Operating Voltage
20
V
VDD-ON
Turn-On Threshold Voltage
15
16
17
V
VDD-OFF
Turn-Off Voltage
6.5
7.0
7.5
V
VDD-LH
Threshold Voltage for Latch-Off Release
FAN6862W,
FAN6862WL Only
4
V
IDD-ST
Startup Current
VDD-ON – 0.16 V
8
15
µA
IDD-OP1
Operating Supply Current in PWM Operation
VDD = 20 V,
VFB = 3 V Gate Open
2
mA
IDD-OP2
Operating Supply Current when VFB < VFB-ZDC
VDD = 15 V,
VFB < VFB-ZDC
600
µA
VDD-OVP
VDD Over-Voltage Protection
FAN6862WL-Latch,
FAN6862WR-Auto
Restart
21.0
22.2
23.5
V
tD-VDDOVP
VDD OVP Debounce Time
50
µs
IDD-LH
Latch-Off Holding Current
VDD = 5 V;
FAN6862W,
FAN6862WL Only
70
80
µA
Feedback Input Section
AV
Input-Voltage to Current-Sense Attenuation
1/4.0
1/3.5
1/3.0
V/V
ZFB
Input Impedance
17
kΩ
VFB-OPEN
FB Pin Open Voltage
5.2
5.4
5.6
V
VFB-OLP
Threshold Voltage for Open-Loop Protection
4.3
4.6
4.9
V
tD-OLP
Open-Loop Protection Delay
VFB > VFB-OLP,
tON > 2.5 µs,
TA = -40 to +105°C
54
60
66
ms
tD-SCP
Secondary Short-Circuit Protection Delay
FB > VFB-OLP,
tON < 2.5 µs,
TA = -40 to +105°C
6
7
8
ms
tON-SCP
Short-Circuit Protection On-Time Detection
VFB>VFB-OLP,
TA = -40 to +105°C
2.5
µs
Current Sense Section
tPD
Delay to Output
100
250
ns
tLEB
Leading-Edge Blanking Time
200
250
ns
VLIMIT-H
High Threshold Voltage for Current Limit
Duty>55%
0.57
0.60
0.63
V
VLIMIT-L
Low Threshold Voltage for Current Limit
Duty = 0%
0.36
0.39
0.42
V
tSOFT-START Period During Startup Time
Startup Time
4.75
5.00
10.00
ms
Continued on the following page…


유사한 부품 번호 - FAN6862WLTY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6862 FAIRCHILD-FAN6862 Datasheet
529Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6862 FAIRCHILD-FAN6862 Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862L FAIRCHILD-FAN6862L Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862LTY FAIRCHILD-FAN6862LTY Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862NY FAIRCHILD-FAN6862NY Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

유사한 설명 - FAN6862WLTY

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com