전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB40G-8-B-T3P-T 데이터시트(PDF) 2 Page - Unisonic Technologies

부품명 BTB40G-8-B-T3P-T
상세설명  40A STANDARD TRIAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTB40G-8-B-T3P-T 데이터시트(HTML) 2 Page - Unisonic Technologies

  BTB40G-8-B-T3P-T Datasheet HTML 1Page - Unisonic Technologies BTB40G-8-B-T3P-T Datasheet HTML 2Page - Unisonic Technologies BTB40G-8-B-T3P-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BTB40
Preliminary
TRIACS
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
VER.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
On-State RMS Current (Full Sine Wave) TC=95°C
IT(RMS)
40
A
Non Repetitive Surge Peak On-State
Current (Full Cycle, TJ initial=25°C)
F=50Hz, t=20ms
ITSM
400
A
F=60Hz, t=16.7ms
420
A
I
2t Value for Fusing
tp=10ms
I
2t
1000
A
2s
Critical Rate of Rise of On-State Current:
IG=2xIGT, tr≤100ns
F=120Hz, TJ=125°C
dI/dt
50
A/µs
Non Repetitive Surge Peak Off-State
Voltage
tp=10ms, TJ=25°C
VDSM/VRSM
VDSM/VRSM+100
V
Peak Gate Current
tp=20µs, TJ=125°C
IGM
8
A
Average Gate Power Dissipation
TJ=125°C
PG(AV)
1
W
Storage Junction Temperature
TSTG
-40~+150
°C
Operating Junction Temperature
TJ
-40~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
DEVICE SUMMARY
PARAMETER
SYMBOL
RATINGS
UNIT
On-State RMS Current
IT(RMS)
40
A
Repetitive Peak Off-State Voltage
VDRM/VRRM
600
V
Triggering Gate Current
IGT
50
mA
THERMAL RESISTANCES
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
50
°C/W
Junction to Case (AC)
θJC
0.6
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25 °C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Gate Trigger Current (Note 1)
IGT
VD=12V, RL=33Ω
I-II-III
50
mA
IV
100
mA
Gate Trigger Voltage
VGT
ALL
1.3
V
Gate Non-Trigger Voltage
VGD
VD=VDRM, RL=3.3kΩ,
TJ=125°C
ALL
0.2
V
Holding Current (Note 2)
IH
IT=500mA
80
mA
Latching Current
IL
IG=1.2IGT
I-III-IV
70
mA
II
160
mA
Critical Rate of Rise of Off-State
Voltage (Note 2)
dV/dt
VD=67%VDRM, Gate Open, TJ=125°C 500
V/µs
Critical Rate of Rise of Off-State
Voltage at Commutation (Note 2)
(dV/dt)c
(dI/dt)c=20A/ms, TJ=125°C
10
V/µs
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Peak On-State Voltage (Note 1)
VT
ITM=60A, tp=380μs, TJ=25°C
1.55
V
Threshold Voltage (Note 2)
VTO
TJ=125°C
0.85
V
Dynamic Resistance (Note 2)
RD
TJ=125°C
10
mΩ
Repetitive Peak Off-State Current
IDRM
VDRM=VRRM, TJ=25°C
5
µA
IRRM
VDRM=VRRM, TJ=125°C
5
mA
Notes: 1. Minimum IGT is guaranted at 5% of IGT max.
2. For both polarities of MT2 referenced to MT1


유사한 부품 번호 - BTB40G-8-B-T3P-T

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTB40-600B STMICROELECTRONICS-BTB40-600B Datasheet
85Kb / 7P
   40A TRIACs
BTB40-600B STMICROELECTRONICS-BTB40-600B Datasheet
108Kb / 9P
   40 A standard TRIACs
BTB40-600B STMICROELECTRONICS-BTB40-600B Datasheet
95Kb / 7P
   40A TRIACS
BTB40-600BRG STMICROELECTRONICS-BTB40-600BRG Datasheet
85Kb / 7P
   40A TRIACs
BTB40-600BRG STMICROELECTRONICS-BTB40-600BRG Datasheet
108Kb / 9P
   40 A standard TRIACs
More results

유사한 설명 - BTB40G-8-B-T3P-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
BTA40 UTC-BTA40_15 Datasheet
170Kb / 3P
   40A STANDARD TRIAC
BTA40 UTC-BTA40 Datasheet
164Kb / 3P
   40A STANDARD TRIAC
logo
NTE Electronics
NTE5679 NTE-NTE5679 Datasheet
18Kb / 2P
   TRIAC - 600V, 40A
logo
Apollo Electron Co., Lt...
TF4A60 APOLLOELECTRON-TF4A60 Datasheet
2Mb / 5P
   Standard Triac
TF8A60 APOLLOELECTRON-TF8A60 Datasheet
2Mb / 6P
   Standard Triac
TF12A80 APOLLOELECTRON-TF12A80 Datasheet
1Mb / 6P
   Standard Triac
TD8A60 APOLLOELECTRON-TD8A60 Datasheet
1Mb / 5P
   Standard Triac
TF6A60 APOLLOELECTRON-TF6A60 Datasheet
3Mb / 6P
   Standard Triac
TF25A60 APOLLOELECTRON-TF25A60 Datasheet
1Mb / 6P
   Standard Triac
TF8A80 APOLLOELECTRON-TF8A80 Datasheet
3Mb / 6P
   Standard Triac
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com