전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAA110P 데이터시트(PDF) 1 Page - Clare, Inc.

부품명 LAA110P
상세설명  Dual Pole OptoMOS Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARE [Clare, Inc.]
홈페이지  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA110P 데이터시트(HTML) 1 Page - Clare, Inc.

  LAA110P Datasheet HTML 1Page - Clare, Inc. LAA110P Datasheet HTML 2Page - Clare, Inc. LAA110P Datasheet HTML 3Page - Clare, Inc. LAA110P Datasheet HTML 4Page - Clare, Inc. LAA110P Datasheet HTML 5Page - Clare, Inc. LAA110P Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
LAA110
DS-LAA110-R7
LAA110 is a Dual 1 Form-A solid state relay that has two
independently controlled optically coupled MOSFETs. The
efficient MOSFET switches and photovoltaic die use
Clare’s patented OptoMOS® architecture to provide 3750
V
RMS of input to output isolation. The optically coupled
inputs are controlled by highly efficient GaAIAs infrared
LEDs. Dual pole OptoMOS relays provide a more compact
design solution than discrete single pole relays in a variety
of applications. The dual pole relays save board space by
incorporating both relays in a single 8-pin package.
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hookswitch
Dial Pulsing
Ground Start
Ringer Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
UL Recognized: File Number E76270
CSA Certified: File Number LR 43639-10
BSI Certified to:
BS EN 60950:1992 (BS7002:1992)
Certificate #: 7344
BS EN 41003:1993
Certificate #: 7344
Small 8 Pin DIP Package
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
3750V
RMS Input/Output Isolation
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Surface Mount and Tape & Reel Versions Available
Applications
Features
Description
Approvals
Dual Pole OptoMOS® Relays
Ordering Information
Part #
Description
LAA110
8 Pin DIP (50/Tube)
LAA110P
8 Pin Flatpack (50/Tube)
LAA110PTR
8 Pin Flatpack (1000/Reel)
LAA110S
8 Pin Surface Mount (50/Tube)
LAA110STR
8 Pin Surface Mount (1000/Reel)
LAA110
Units
Load Voltage
350
V
Load Current
120
mA
Max R
ON
35
Pin Configuration
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
1
2
3
4
8
7
6
5
+ Control - Switch #1
Ð Control - Switch #1
+ Control - Switch #2
Ð Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
LAA110 Pinout
Switching Charcteristics of
Normally Open (Form A) Devices


유사한 부품 번호 - LAA110P

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
LAA110P IXYS-LAA110P Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
LAA110PL CLARE-LAA110PL Datasheet
149Kb / 7P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA110PL IXYS-LAA110PL Datasheet
133Kb / 7P
   Dual Single-Pole, Current-Limited OptoMOS Relay
logo
Clare, Inc.
LAA110PLTR CLARE-LAA110PLTR Datasheet
149Kb / 7P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA110PLTR IXYS-LAA110PLTR Datasheet
133Kb / 7P
   Dual Single-Pole, Current-Limited OptoMOS Relay
More results

유사한 설명 - LAA110P

제조업체부품명데이터시트상세설명
logo
Clare, Inc.
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
   Dual Pole OptoMOS Relays
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
   Dual Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
   Dual Pole OptoMOS Relays
logo
Clare, Inc.
LAA710 CLARE-LAA710 Datasheet
181Kb / 6P
   Dual Pole OptoMOS Relays
PAA132 CLARE-PAA132 Datasheet
281Kb / 6P
   Dual Pole OptoMOS Relays
LAA110L CLARE-LAA110L Datasheet
149Kb / 7P
   Dual Pole OptoMOS Relays
LAA125 CLARE-LAA125 Datasheet
237Kb / 6P
   DUAL POLE OptoMOS Relays
LCA210 CLARE-LCA210 Datasheet
201Kb / 6P
   Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
   Dual Single Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com