전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAA127PL 데이터시트(PDF) 1 Page - Clare, Inc.

부품명 LAA127PL
상세설명  DUAL POLE OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARE [Clare, Inc.]
홈페이지  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA127PL 데이터시트(HTML) 1 Page - Clare, Inc.

  LAA127PL Datasheet HTML 1Page - Clare, Inc. LAA127PL Datasheet HTML 2Page - Clare, Inc. LAA127PL Datasheet HTML 3Page - Clare, Inc. LAA127PL Datasheet HTML 4Page - Clare, Inc. LAA127PL Datasheet HTML 5Page - Clare, Inc. LAA127PL Datasheet HTML 6Page - Clare, Inc. LAA127PL Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
www.clare.com
LAA127L
DS-LAA127L-R2
LAA127L is a 250V, 170mA, 10
Ω 2-Form-A relay. It fea-
tures enhanced load current capability and a very low on-
resistance. Current limiting version is available (“L” suffix,
see specification for variations in performance).
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hookswitch
Dial Pulsing
Ground Start
Ringer Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
UL Recognized: File Number E76270
CSA Certified: File Number LR 43639-10
BSI Certified to:
BS EN 60950:1992 (BS7002:1992)
Certificate #: 7344
BS EN 41003:1993
Certificate #: 7344
Small 8 Pin DIP Package
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
3750V
RMS Input/Output Isolation
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Current Limiting Surface Mount and Tape & Reel
Versions Available
Applications
Features
Description
Approvals
DUAL POLE OptoMOS® Relay
Ordering Information
Part #
Description
LAA127L
8 Pin DIP (50/Tube)
LAA127PL
8 Pin Flatpack (50/Tube)
LAA127PLTR
8 Pin Flatpack (1000/Reel)
LAA127LS
8 Pin Surface Mount (50/Tube)
LAA127LSTR
8 Pin Surface Mount (1000/Reel)
LAA127L
Units
Load Voltage
250
V
Load Current
170
mA
Max R
ON
10
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
AC/DC Configuration
Load - Switch #1
Load - Switch #2
Load - Switch #2
LAA127L Pinout


유사한 부품 번호 - LAA127PL

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
LAA127PL IXYS-LAA127PL Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA127PLTR IXYS-LAA127PLTR Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
More results

유사한 설명 - LAA127PL

제조업체부품명데이터시트상세설명
logo
Clare, Inc.
XAA170 CLARE-XAA170 Datasheet
117Kb / 7P
   DUAL POLE OptoMOS Relay
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
   DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
PAA150 CLARE-PAA150 Datasheet
111Kb / 5P
   DUAL POLE OptoMOS Relay
XBB170 CLARE-XBB170 Datasheet
151Kb / 7P
   DUAL POLE OptoMOS Relay
LAA100L CLARE-LAA100L Datasheet
130Kb / 5P
   DUAL POLE OptoMOS Relay
LAA120L CLARE-LAA120L Datasheet
147Kb / 7P
   DUAL POLE OptoMOS Relay
LBA120L CLARE-LBA120L Datasheet
125Kb / 8P
   DUAL POLE OptoMOS Relay
LAA126 CLARE-LAA126 Datasheet
86Kb / 6P
   Dual Pole OptoMOS Relay
LBA110 CLARE-LBA110 Datasheet
126Kb / 8P
   DUAL POLE OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com