전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5-103944-1 데이터시트(PDF) 5 Page - Tyco Electronics

부품명 5-103944-1
상세설명  AMPMODU MTE Interconnect System
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

5-103944-1 데이터시트(HTML) 5 Page - Tyco Electronics

  5-103944-1 Datasheet HTML 1Page - Tyco Electronics 5-103944-1 Datasheet HTML 2Page - Tyco Electronics 5-103944-1 Datasheet HTML 3Page - Tyco Electronics 5-103944-1 Datasheet HTML 4Page - Tyco Electronics 5-103944-1 Datasheet HTML 5Page - Tyco Electronics 5-103944-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Product / Application Specification
Product Specification — 108-25034 (Standard Product)
108-25034-2 (Surface Mount Product)
Application Specification — 114-25026
Operating Temperature — -65 to +105°C
Current — 3 amps max. (single contact in free air)
APPliCATiOn TOOling
AMPMODU MTE Part Number
Tooling Part Number
Tooling Description
Instruction Sheet
All
Receptacle Assembly
Part Numbers
Listed Below
58074-1
Manual Pistol Grip
408-6790
58075-1
Pneumatic Pistol Grip
408-6789
58338-1
Bench Mounted Pneumatic Power
Assembly
408-9393
931800-1
IDC Electric Power Unit
409-5746
58336-1
MTE Modular Head
408-9359
856002-1
Tube Fed Ribbon Cable Machine
409-5832
Receptacle Assembly
Polarized and Latching
5-103961-9
Vertical Header
Polarized and Latching
5-103908-9
Receptacle Assembly
with Guide Ribs
5-103971-4
Double Row
Coupling Shroud
104500-2
Vertical Shrouded
Header Double Row
5-87587-6
Receptacle Assembly
with Guide Ribs
5-103971-4
Single Row
Coupling Shroud
103680-7
Right Angle Shrouded Header
Polarized and Latching
5-103634-9
High Pressure
Receptacle Assembly
5-104439-9
Breakaway Right Angle
Header Single Row
6-146306-0
Receptacle
Assemblies
Plain
5-103976-4
Right Angle
High Temperature
Header Shrouded
Polarized and Latching
5-104361-9
te.com/products/ampmodumte
AMPMODU MTE Interconnect System
TE Connectivity


유사한 부품 번호 - 5-103944-1

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-103944-1 MACOM-5-103944-1 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
More results

유사한 설명 - 5-103944-1

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-103673-6 MACOM-5-103673-6 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
1-103640-3 MACOM-1-103640-3 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
5-104935-6 MACOM-5-104935-6 Datasheet
633Kb / 6P
   Quick Reference Guide AMPMODU MTE Interconnect System
104505-4 MACOM-104505-4 Datasheet
97Kb / 1P
   PIN CONTACT, AMPMODU, MTE
2-103680-2 MACOM-2-103680-2 Datasheet
69Kb / 1P
   SHROUD, COUPLING, SINGLE ROW, AMPMODU MTE
2-103680-1 MACOM-2-103680-1 Datasheet
69Kb / 1P
   SHROUD, COUPLING, SINGLE ROW, ampmodu mte
2-103688-3 MACOM-2-103688-3 Datasheet
75Kb / 1P
   RECEPTACLE HOUSING, AMPMODU MTE, SINGLE RW, .100CL
2-103688-0 MACOM-2-103688-0 Datasheet
75Kb / 1P
   RECEPTACLE HOUSING, AMPMODU MTE, SINGLE ROW, .100CL
2-103688-4 MACOM-2-103688-4 Datasheet
75Kb / 1P
   RECEPTACLE HOUSING, AMPMODU MTE, SNGLE ROW, .100CL
5-1375582-9 MACOM-5-1375582-9 Datasheet
385Kb / 2P
   AMPMODU MTE SURFACE MOUNT. VERTICAL HEADER ASSEMBLY
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com