전자부품 데이터시트 검색엔진 |
|
BTA04L-4-A-TF3-T 데이터시트(PDF) 3 Page - Unisonic Technologies |
|
BTA04L-4-A-TF3-T 데이터시트(HTML) 3 Page - Unisonic Technologies |
3 / 4 page BTA04 Preliminary TRIACS UNISONICTECHNOLOGIESCO.,LTD 3 of 4 www.unisonic.com.tw QW-R401-034.c ELECTRICAL CHARACTERISTICS PARAMETER SYMBOL TEST CONDITIONS T D S A UNIT MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX Gate Trigger Current IGT VD=12V (DC) RL=33Ω TJ=25°C I-II-III 5 5 10 10 mA IV 5 10 10 25 mA Gate Trigger Voltage VGT ALL 1.5 1.5 1.5 1.5 V Gate Non-Trigger Voltage VGD VD=VDRM, RL=3.3kΩ, TJ=110°C ALL 0.2 0.2 0.2 0.2 V Time Gate Trigger tGT VD=VDRM, IG=40mA, dIG/dt=0.5A/µs, TJ=25°C ALL 2 2 2 2 µs Holding Current (Note 1) IH IT=100mA, Gate Open, TJ=25°C 15 15 25 25 mA Latching Current IL IG=1.2IGT, TJ=25°C I-III-IV 10 10 20 20 mA II 20 20 40 40 mA Peak On-State Voltage (Note 1) VTM ITM=5.5A, tp=380μs, TJ=25°C 1.65 1.65 1.65 1.65 V Repetitive Peak Off-State Current IDRM VDRM Rated, TJ=25°C 0.01 0.01 0.01 0.01 mA IRRM VRRM Rated, TJ=110°C 0.75 0.75 0.75 0.75 mA Critical Rate of Rise of Off-State Voltage (Note 1) dV/dt Linear Slope up to VD=67%VDRM, Gate Open, TJ=110°C 10 10 10 10 V/µs Critical Rate of Rise of Off-State Voltage at Commutation (Note 1) (dV/dt)c (dI/dt)c=1.8A/ms, TJ=110°C 1 1 5 5 V/µs Note: 1. For either polarity of electrode MT2 voltage with reference to electrode MT1. |
유사한 부품 번호 - BTA04L-4-A-TF3-T |
|
유사한 설명 - BTA04L-4-A-TF3-T |