전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB06A 데이터시트(PDF) 2 Page - Unisonic Technologies

부품명 BTB06A
상세설명  6A TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTB06A 데이터시트(HTML) 2 Page - Unisonic Technologies

  BTB06A Datasheet HTML 1Page - Unisonic Technologies BTB06A Datasheet HTML 2Page - Unisonic Technologies BTB06A Datasheet HTML 3Page - Unisonic Technologies BTB06A Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BTB06A
Preliminary
TRIACS
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R401-057.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
RMS On-State Current (Full Sine Wave)
TC=105°C
IT(RMS)
6
A
Non Repetitive Surge Peak On-State
Current (Full Cycle TJ initial=25°C)
F=50Hz
t=20ms
ITSM
60
A
F=60Hz
t=16.7ms
63
A
I
2t Value for Fusing
tP=10ms
I
2t
21
A
2s
Critical Rate of Rise of On-State Current:
IG=2xIGT, tr≤100ns
F=120Hz TJ=125°C
dI/dt
50
A/µs
Peak Gate Current
tP=20µs
TJ=125°C
IGM
4
A
Average Gate Power Dissipation
TJ=125°C
PG(AV)
1
W
Operating Junction Temperature
TJ
-40~+125
°C
Storage Junction Temperature
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°C/W
Junction to Case (AC)
θJC
1.8
°C/W
ELECTRICAL CHARACTERISTICS (TJ= 25°C, unless otherwise specified)
FOR SNUBBERLESS AND LOGIC LEVEL (3 QUADRANTS)
PARAMETER SYMBOL
TEST
CONDITIONS
TW
SW
CW
BW
UNIT
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
Gate Trigger
Current
(Note 1)
IGT
VD=12V
RL=30Ω
I-II-III
5
10
35
50
mA
Gate Trigger
Voltage
VGT
I-II-III
1.3
1.3
1.3
1.3
V
Gate
Non-Trigger
Voltage
VGD
VD=VDRM,
RL=3.3kΩ,
TJ=125°C
I-II-III 0.2
0.2
0.2
0.2
V
Holding
Current
(Note 2)
IH
IT=100mA
10
15
35
50
mA
Latching
Current
IL
IG=1.2IGT
I-III
10
25
50
70
mA
II
15
30
60
80
mA
Critical Rate of
Rise of
Off-State
Voltage
(Note 2)
dV/dt
VD=67%VDRM,
Gate Open,
TJ=125°C
20
40
400
1000
V/µs
Critical Rate of
Rise of
Off-State
Voltage at
Commutation
(Note 2)
(dI/dt)c
(dV/dt)c=0.1V/µs
TJ=125°C
2.7
3.5
A/ms
(dV/dt)c=10V/µs,
TJ=125°C
1.2
2.4
A/ms
Without Snubber
TJ= 125°C
3.5
5.3
A/ms
Note: 1. Minimum IGT is guaranteed at 5% of IGT max.
2. For both polarities of MT2 referenced to MT1.


유사한 부품 번호 - BTB06A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTB06A STMICROELECTRONICS-BTB06A Datasheet
69Kb / 5P
   SENSITIVE GATE TRIACS
BTB06A STMICROELECTRONICS-BTB06A Datasheet
68Kb / 5P
   SENSITIVE GATE TRIACS
logo
Unisonic Technologies
BTB06ALG-6-BW-TA3-T UTC-BTB06ALG-6-BW-TA3-T Datasheet
170Kb / 4P
   6A TRIACS
BTB06ALG-6-CW-TA3-T UTC-BTB06ALG-6-CW-TA3-T Datasheet
170Kb / 4P
   6A TRIACS
BTB06ALG-6-SW-TA3-T UTC-BTB06ALG-6-SW-TA3-T Datasheet
170Kb / 4P
   6A TRIACS
More results

유사한 설명 - BTB06A

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
BTB06-700B KERSEMI-BTB06-700B Datasheet
1Mb / 5P
   6A TRIACS
BTB06-600SW KERSEMI-BTB06-600SW Datasheet
1Mb / 5P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06_15 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
   6A TRIACS
BTA06-800C TGS-BTA06-800C Datasheet
66Kb / 1P
   6A TRIACS
BTA06-600BF TGS-BTA06-600BF Datasheet
62Kb / 1P
   6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTA06 UTC-BTA06 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA06-800B TGS-BTA06-800B Datasheet
217Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06 Datasheet
164Kb / 3P
   6A TRIACS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com