전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCC120S 데이터시트(PDF) 1 Page - Clare, Inc.

부품명 LCC120S
상세설명  COMMON INPUT OptoMOS Relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARE [Clare, Inc.]
홈페이지  http://www.clare.com
Logo CLARE - Clare, Inc.

LCC120S 데이터시트(HTML) 1 Page - Clare, Inc.

  LCC120S Datasheet HTML 1Page - Clare, Inc. LCC120S Datasheet HTML 2Page - Clare, Inc. LCC120S Datasheet HTML 3Page - Clare, Inc. LCC120S Datasheet HTML 4Page - Clare, Inc. LCC120S Datasheet HTML 5Page - Clare, Inc. LCC120S Datasheet HTML 6Page - Clare, Inc. LCC120S Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
www.clare.com
LCC120
DS-LCC120-R7
LCC120 is a 250V, 170mA, 20
Ω 1-Form-C relay. It is ideal
for applications focused on peak load current handling
capabilities.
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hookswitch
Dial Pulsing
Ground Start
Ringer Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
UL Recognized: File Number E76270
CSA Certified: File Number LR 43639-10
BSI Certified:
BS EN 60950:1992 (BS7002:1992)
Certificate #:7344
BS EN 41003:1993
Certificate #:7344
Small 8 Pin DIP Package
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
3750V
RMS Input/Output Isolation
FCC Compatible
VDE Compatible
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Current Limiting, Surface Mount and Tape & Reel
Versions Available
Applications
Features
Description
Approvals
COMMON INPUT OptoMOS® Relay
Ordering Information
Part #
Description
LCC120
8 Pin DIP (50/Tube)
LCC120S
8 Pin Surface Mount (50/Tube)
LCC120
Units
Load Voltage
250
V
Load Current
170
mA
Max R
ON
20
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
Switching Characteristics of
Normally Closed (Form B) Devices
CONTROL
10ms
10%
90%
90%
+
+
TON
TOFF
+
1
2
3
4
Do Not Use
+ Control
– Control
Do Not Use
8
7
6
5
Normally Closed Pole
Normally Open Pole
LCC120 Pinout
AC/DC Configuration


유사한 부품 번호 - LCC120S

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
LCC120S IXYS-LCC120S Datasheet
133Kb / 8P
   1-Form-C OptoMOS Relay
LCC120STR IXYS-LCC120STR Datasheet
133Kb / 8P
   1-Form-C OptoMOS Relay
More results

유사한 설명 - LCC120S

제조업체부품명데이터시트상세설명
logo
Clare, Inc.
LCA211 CLARE-LCA211 Datasheet
73Kb / 4P
   COMMON INPUT OptoMOS Relay
LCC110 CLARE-LCC110 Datasheet
126Kb / 8P
   Common Input OptoMOS Relay
logo
IXYS Corporation
LCA210L IXYS-LCA210L Datasheet
122Kb / 7P
   Common Input, Dual-Pole OptoMOS Relay
LCA220 IXYS-LCA220 Datasheet
123Kb / 7P
   Common Input, Dual Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
XAA170 CLARE-XAA170 Datasheet
117Kb / 7P
   DUAL POLE OptoMOS Relay
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
   DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
   DUAL POLE OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com