전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD1N80 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FQD1N80
상세설명  N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD1N80 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FQD1N80 Datasheet HTML 1Page - Fairchild Semiconductor FQD1N80 Datasheet HTML 2Page - Fairchild Semiconductor FQD1N80 Datasheet HTML 3Page - Fairchild Semiconductor FQD1N80 Datasheet HTML 4Page - Fairchild Semiconductor FQD1N80 Datasheet HTML 5Page - Fairchild Semiconductor FQD1N80 Datasheet HTML 6Page - Fairchild Semiconductor FQD1N80 Datasheet HTML 7Page - Fairchild Semiconductor FQD1N80 Datasheet HTML 8Page - Fairchild Semiconductor FQD1N80 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Package Marking and Ordering Information
©2009 Fairchild Semiconductor Corporation
FQD1N80 / FQU1N80 Rev. C2
www.fairchildsemi.com
2
Part Number
Top Mark
Package
Reel Size
Tape Width
Quantity
FQD1N80
FQD1N80TM
D-PAK
330 mm
16 mm
2500 units
Packing Method
Tape and Reel
Electrical Characteristics T
C = 25°C unless otherwise noted.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
800
--
--
V
∆BVDSS
/ ∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
1.0
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 800 V, VGS = 0 V
--
--
10
µA
VDS = 640 V, TC = 125°C
--
--
100
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS= 10V,ID=0.5 A
--
15.5
20
gFS
Forward Transconductance
VDS = 50 V, ID = 0.5 A
--
0.75
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
150
195
pF
Coss
Output Capacitance
--
20
26
pF
Crss
Reverse Transfer Capacitance
--
2.7
3.5
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 400 V, ID = 1.0 A,
RG = 25 Ω
--
10
30
ns
tr
Turn-On Rise Time
--
25
60
ns
td(off)
Turn-Off Delay Time
--
15
40
ns
tf
Turn-Off Fall Time
--
25
60
ns
Qg
Total Gate Charge
VDS = 640 V, ID = 1.0 A,
VGS = 10 V
--
5.5
7.2
nC
Qgs
Gate-Source Charge
--
1.1
--
nC
Qgd
Gate-Drain Charge
--
3.3
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
1.0
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
4.0
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 1.0 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 1.0 A,
dIF / dt = 100 A/µs
--
300
--
ns
Qrr
Reverse Recovery Charge
--
0.6
--
µC
Notes:
1. Repetitive rating : pulse-width limited by maximum junction temperature.
2. L = 170 mH, IAS = 1.0 A, VDD = 50 V, RG = 25 Ω, starting TJ = 25°C.
3. ISD ≤ 1.0 A, di/dt ≤ 200 A/µs, VDD ≤ BVDSS, starting TJ = 25°C.
4. Essentially independent of operating temperature.
FQU1N80
FQU1N80TU
I-PAK
N/A
N/A
70 units
Tube
(Note 4)
(Note 4)


유사한 부품 번호 - FQD1N80

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD1N80 FAIRCHILD-FQD1N80 Datasheet
635Kb / 9P
   800V N-Channel MOSFET
FQD1N80 FAIRCHILD-FQD1N80 Datasheet
760Kb / 9P
   N-Channel QFET MOSFET 800 V, 1.0 A, 20
logo
Inchange Semiconductor ...
FQD1N80 ISC-FQD1N80 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
logo
Fairchild Semiconductor
FQD1N80TF FAIRCHILD-FQD1N80TF Datasheet
760Kb / 9P
   N-Channel QFET MOSFET 800 V, 1.0 A, 20
FQD1N80 FAIRCHILD-FQD1N80_09 Datasheet
737Kb / 9P
   800V N-Channel MOSFET
More results

유사한 설명 - FQD1N80

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQPF6N80CT FAIRCHILD-FQPF6N80CT Datasheet
1,018Kb / 10P
   N-Channel QFET짰 MOSFET 800 V, 5.5 A, 2.5 廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQD1N60CTM FAIRCHILD-FQD1N60CTM Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQU1N60CTU FAIRCHILD-FQU1N60CTU Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQD5N15TM FAIRCHILD-FQD5N15TM Datasheet
846Kb / 8P
   N-Channel QFET짰 MOSFET 150 V, 4.3 A, 800 m廓
FQA10N80C-F109 FAIRCHILD-FQA10N80C-F109 Datasheet
435Kb / 8P
   FQA10N80C_F109 N-Channel QFET짰 MOSFET 800 V, 10 A, 1.1 廓
FQT5P10TF FAIRCHILD-FQT5P10TF Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -100 V, -1.0 A, 1.05 廓
FQD1N80TF FAIRCHILD-FQD1N80TF Datasheet
760Kb / 9P
   N-Channel QFET MOSFET 800 V, 1.0 A, 20
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com