전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA-7111TB 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 SA-7111TB
상세설명  ROTARY CODED SWITCHES (SMD)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SA-7111TB 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  SA-7111TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SA-7111TB Datasheet HTML 2Page - List of Unclassifed Manufacturers SA-7111TB Datasheet HTML 3Page - List of Unclassifed Manufacturers SA-7111TB Datasheet HTML 4Page - List of Unclassifed Manufacturers SA-7111TB Datasheet HTML 5Page - List of Unclassifed Manufacturers SA-7111TB Datasheet HTML 6Page - List of Unclassifed Manufacturers SA-7111TB Datasheet HTML 7Page - List of Unclassifed Manufacturers SA-7111TB Datasheet HTML 8Page - List of Unclassifed Manufacturers SA-7111TB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
SA-7000
ROTARY CODED SWITCHES (SMD)
OUTLINE DIMESIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
● SA-7010A (Real code)
● SA-7030A (Complementary code)
<Top setting>
● SA-7010B (Real code)
● SA-7030B (Complementary code)
● SA-7010C (Real code)
● SA-7030C (Complementary code)
● SA-7050A (Real code)
● SA-7070A (Complementary code)
● SA-7050B (Real code)
● SA-7070B (Complementary code)
● SA-7050C (Real code)
● SA-7070C (Complementary code)
Production date code
Marking appears only with complementary code
0.6 W
× 2.6 L × 0.8 D
7.2
6 – 0.8
t = 0.15
2.54
2.54
3
0
9
1
Production
date code
A Projection
Marking appears only with complementary code
0.6 W
× 2.6 L × 0.8 D
7.2
6 – 0.5
t = 0.15
2.54
2.54
2.9
0.5
A
4
± 1
0
9
1
Production
date code
A Projection
Marking appears only with complementary code
0.6 W
× 2.6 L × 0.8 D
7.2
6 – 0.5
t = 0.15
2.54
2.54
2.9
0.5
A
4
± 1
0
F 1
Production date code
Marking appears only with complementary code
0.6 W
× 2.6 L × 0.8 D
7.2
6 – 0.8
t = 0.15
2.54
2.54
3
0
F 1
Production date code
Marking appears only with complementary code
0.6 W
× 2.6 L × 0.8 D
7.2
6 – 0.8
t = 0.15
2.54
2.54
3
0
9
1
Production date code
Marking appears only with complementary code
0.6 W
× 2.6 L × 0. 8D
7.2
6 – 0.8
t = 0.15
2.54
2.54
3
0
F 1


유사한 부품 번호 - SA-7111TB

제조업체부품명데이터시트상세설명
logo
Copal Electronics
SA-7111TB COPAL-SA-7111TB Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
More results

유사한 설명 - SA-7111TB

제조업체부품명데이터시트상세설명
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
   ROTARY CODED SWITCHES (SMD)
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com