전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA-7271A 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 SA-7271A
상세설명  ROTARY CODED SWITCHES (SMD)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SA-7271A 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  SA-7271A Datasheet HTML 1Page - List of Unclassifed Manufacturers SA-7271A Datasheet HTML 2Page - List of Unclassifed Manufacturers SA-7271A Datasheet HTML 3Page - List of Unclassifed Manufacturers SA-7271A Datasheet HTML 4Page - List of Unclassifed Manufacturers SA-7271A Datasheet HTML 5Page - List of Unclassifed Manufacturers SA-7271A Datasheet HTML 6Page - List of Unclassifed Manufacturers SA-7271A Datasheet HTML 7Page - List of Unclassifed Manufacturers SA-7271A Datasheet HTML 8Page - List of Unclassifed Manufacturers SA-7271A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SA-7000
ROTARY CODED SWITCHES (SMD)
STANDARD SPECIFICATIONS
Circuit type
Operating temperature range
Storage temperature range
Sealing
Net weight
BCD (Real code, complementary code)
BCH (Real code, complementary code)
−40 ~ 85 °C
Non Washable
※Please refer to A-218, A-219
Approx. 0.32 g (Top setting type without knob)
Approx. 0.34 g (Top setting type with knob)
Approx. 0.69 g (Side setting type without knob)
Approx. 0.71 g (Side setting type with knob)
Approx. 0.42 g (Low-profile side setting type without knob)
Approx. 0.44 g (Low-profile side setting type with knob)
No. of positions
Adjustment torque
Stepping angle
Solderability
Shear (adhesion)
Substrate bending
Pull-off strength
Stop strength (With knob only)
10, 16
20 mN·m {204 gf·cm} maximum
36° (10 positions)
22.5° (16 positions)
245
± 3 °C, 2 ~ 3 s
5 N {0.51 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf} 10s
5 N {0.51 kgf} 10s
Contact rating
Non-switching
Switching
Minimum
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC5 V 100 mA
DC20 mV 1
μA
100 M
Ω (DC100 V) minimum
100 m
Ω maximum
AC250 V, 60 s
Vibration
Shock
Load life
Humidity (Steady state)
High temperature exposure
Low temperature exposure
Thermal shock
(Amplitude) 1.5 mm or
(Acceleration) 98 m/s
2,
10-500-10 Hz, 3 directions for 2 h each
490 m/s
2, 11 ms
6 directions for 3 times each
10000 steps minimum, DC5 V, 100 mA
85 °C, 96 h
40 °C, Relative humidity 90 ~ 95 %,
240 h
−40 °C, 96 h
−40 (0.5 h) ~ 85 °C ( 0.5 h ), 5 cycles
MECHANICAL CHARACTERISTICS
ENVIRONMENTAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
{ } : Reference only
Reflow profile for soldering heat evaluation
Reflow : two times maximum
Peak : 250
Over 230
°C
Pre Heating Zone
180
°C
(
°C)
250
200
150
100
50
150
°C
90
± 30 s
30
± 10 s
Soldering Zone
Heating time
°C
+5
0
Soldering heat
Reflow
:255 °C (Peak temperature)
Please refer to the profile below
Manual soldering
350
± 10 °C, 3 ~ 4 s
Flow
260
± 3 °C, 5~ 6 s, two
Specifications are subject to change without notice.


유사한 부품 번호 - SA-7271A

제조업체부품명데이터시트상세설명
logo
Copal Electronics
SA-7271A COPAL-SA-7271A Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
More results

유사한 설명 - SA-7271A

제조업체부품명데이터시트상세설명
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
   ROTARY CODED SWITCHES (SMD)
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com