전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M-985-01P 데이터시트(PDF) 3 Page - Clare, Inc.

부품명 M-985-01P
상세설명  Precise Call Progress and Special Information Tone Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARE [Clare, Inc.]
홈페이지  http://www.clare.com
Logo CLARE - Clare, Inc.

M-985-01P 데이터시트(HTML) 3 Page - Clare, Inc.

  M-985-01P Datasheet HTML 1Page - Clare, Inc. M-985-01P Datasheet HTML 2Page - Clare, Inc. M-985-01P Datasheet HTML 3Page - Clare, Inc. M-985-01P Datasheet HTML 4Page - Clare, Inc. M-985-01P Datasheet HTML 5Page - Clare, Inc. M-985-01P Datasheet HTML 6Page - Clare, Inc. M-985-01P Datasheet HTML 7Page - Clare, Inc. M-985-01P Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Specifications (Continued)
Parameter
Conditions
Min
Max
Units
Notes
Signal Rejection, Frequency Range
-
-
-
-
2
950, 1400, 1800 Level: V
DD = 5.0V
XRANGE = open
-
-40 (7.8 mV)
dBm
-
Hz
XRANGE = V
SS
-
-50 (2.5 mV)
dBm
-
Level: V
DD = 3.0V
XRANGE= open
-
-43 (5.5 mV)
dBm
-
XRANGE= V
SS
-
-53 (1.7 mV)
dBm
-
Duration
-
50
ms
-
-
Outputs
OUT n,
V
OL
I
SINK = -1mA
-
0.5
V
-
STROBE pins
V
OH
I
SOURCE = 1mA
V
DD -0.5
-
V
-
OUT n pins
I
OZ
V
O=VDD, VSS
-1
µA-
Inputs
EN, OE,
V
IL
-
-
0.5
V
-
XRANGE, MODE,
V
IH
V
DD = 5V
V
DD - 2.0
-
V
-
PD pins
V
DD = 2.7V
V
DD - 0.5
-
V
-
Pull-up and
MODE = V
SS
V
DD = 5V
12.5
50
µA-
Pull-down currents
V
DD = 2.7V
4
20
µA-
/XRANGE = V
SS
-2
6
µA-
MODE2 = V
DD
V
DD = 5V
12.5
100
µA-
V
DD = 2.7V
12.5
25
µA-
PD = V
DD
-4
10
µA-
PD pin
Pull-down current
PD = V
DD
12.5
50
µA-
SIGIN pin
Voltage range
-
-6.5
V
DD
V-
Input impedance
f=500 Hz
80
-
k
-
Input spectrum
-
-
28
kHz
-
Clock
External clock
V
IL
XOUT open
-
0.2
V
-
connected to XIN V
IH
XOUT open
V
DD-0.2
-
V
-
pin
Duty cycle
XOUT open
40
60
%
-
XIN, XOUT with
Capacitance
-
-
10
pF
-
crystal osc. active Internal resistance
-
20
-
M
-
Power up (t
PU)
PD hi to lo
-
30
ms
-
X358 pin
V
OL
C
L = 20 pF,
-
0.2
V
-
I
SINK = -1mA
V
OH
C
L = 20 pF,
V
DD - 0.2
-
V
-
I
SOURCE = 1mA
Duty cycle
C
L = 20 pF
40
60
%
-
Tri-state
t
EN (High Z to Low Z)
C
L = 50 pF,
-
250
ns
-
Operation
t
DE (Low Z to High Z)
R
L = 100 kΩ
-
250
ns
Unless otherwise noted, V
DD - VSS = 5V, Ta = 25°C, PD at logical low state, and XRANGE at a logical high state. Power levels are in dBm referenced to 600 ohm. DC voltages are referenced to VSS.
Notes:
1. Per tone.
2. See Table 4 for detection/rejection frequencies.
M-985-01
www.clare.com
3
Rev. 1
Call Progress Tone Detection
Call progress tones are audible tones sent from switch-
ing systems to calling parties to show the status of calls.
Calling parties can identify the success of a call placed
by what is heard after dialing. The type of tone used and
its timing vary from system to system, and though
intended for human ears these signals can provide
valuable information for automated calling systems.
The M-985-01 contains five signal detectors sensitive to
the frequencies often used for these progress tones.
Electronic equipment monitoring the OUTn outputs of
the M-985-01 can determine the nature of signals pres-
ent by measuring their duty cycle. See Mechanical
Dimensions for a diagram of a circuit that could be used
to permit a microcomputer to directly monitor tones on
the telephone line. Much of the character of the
progress tones is in their duty cycle or cadence (some-
times referred to as interruption rate). This information,
coupled with level and frequency indication from the M-
985-01, can be used to decide what progress tones
have been encountered.


유사한 부품 번호 - M-985-01P

제조업체부품명데이터시트상세설명
logo
Clare, Inc.
M-980-02 CLARE-M-980-02 Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02P CLARE-M-980-02P Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
IXYS Corporation
M-980-02P IXYS-M-980-02P Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02S CLARE-M-980-02S Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
More results

유사한 설명 - M-985-01P

제조업체부품명데이터시트상세설명
logo
Clare, Inc.
M-982-02 CLARE-M-982-02 Datasheet
200Kb / 7P
   Precise Call Progress Tone Detector
M-991 CLARE-M-991 Datasheet
171Kb / 6P
   Call Progress Tone Generator
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
CML Microcircuits
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
   Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
   Call Progress Tone Detector
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
   Call Progress Tone Decoder
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
   Call Progress Tone Detector
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
   Call Progress Tone Decoder for Telephone
logo
Holtek Semiconductor In...
HT9020 HOLTEK-HT9020 Datasheet
476Kb / 12P
   Call Progress Tone Decoder & ABR Controller
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com