전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

X0202xL-T92-K 데이터시트(PDF) 3 Page - Unisonic Technologies

부품명 X0202xL-T92-K
상세설명  SENSITIVE SCRS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

X0202xL-T92-K 데이터시트(HTML) 3 Page - Unisonic Technologies

  X0202xL-T92-K Datasheet HTML 1Page - Unisonic Technologies X0202xL-T92-K Datasheet HTML 2Page - Unisonic Technologies X0202xL-T92-K Datasheet HTML 3Page - Unisonic Technologies X0202xL-T92-K Datasheet HTML 4Page - Unisonic Technologies X0202xL-T92-K Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
X0202/A/B
SCR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R301-006.D
TYPICAL CHARACTERISTICS
Relative Variation of Gate Trigger
Current, Holding Current and Latching
Current vs. Junction Temperature
-40
0.25
-20
20
0.50
0.75
1.00
0
0.0
40 60 80100 120 140
1.25
1.50
TJ(℃)
IGT
IH&IL
(Rgk=1kΩ)
Relative Variation of Holding Current
vs. Gate-Cathode Resistance
0.01
0.5
0.1
1
1.0
1.5
2.0
0.0
10
2.5
3.0
3.5
4.0
TJ=25℃
Rgk(kΩ)
Gate-cathode Resistance (Typical Values)
Junction Temperature (Typical Values)


유사한 부품 번호 - X0202xL-T92-K

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
X0202 UTC-X0202 Datasheet
218Kb / 5P
   SENSITIVE SCRS
X0202 UTC-X0202 Datasheet
332Kb / 5P
   SENSITIVE SCRS
X0202-AA3-R UTC-X0202-AA3-R Datasheet
218Kb / 5P
   SENSITIVE SCRS
X0202-SOT-223 UTC-X0202-SOT-223 Datasheet
199Kb / 5P
   SCR
X0202-T92-B UTC-X0202-T92-B Datasheet
218Kb / 5P
   SENSITIVE SCRS
More results

유사한 설명 - X0202xL-T92-K

제조업체부품명데이터시트상세설명
logo
Littelfuse
T106D4 LITTELFUSE-T106D4 Datasheet
205Kb / 12P
   Sensitive SCRs
logo
Unisonic Technologies
X0202 UTC-X0202_10 Datasheet
332Kb / 5P
   SENSITIVE SCRS
X0202 UTC-X0202 Datasheet
218Kb / 5P
   SENSITIVE SCRS
logo
Littelfuse
T106D2 LITTELFUSE-T106D2 Datasheet
205Kb / 12P
   Sensitive SCRs
logo
JIEJIE MICROELECTRONICS...
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
   0.8A SENSITIVE SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
MCR100-6 JIEJIE-MCR100-6 Datasheet
391Kb / 4P
   0.8A SENSITIVE SCRs
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com