전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7756TRPBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRF7756TRPBF
상세설명  Ultra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7756TRPBF 데이터시트(HTML) 6 Page - International Rectifier

  IRF7756TRPBF Datasheet HTML 1Page - International Rectifier IRF7756TRPBF Datasheet HTML 2Page - International Rectifier IRF7756TRPBF Datasheet HTML 3Page - International Rectifier IRF7756TRPBF Datasheet HTML 4Page - International Rectifier IRF7756TRPBF Datasheet HTML 5Page - International Rectifier IRF7756TRPBF Datasheet HTML 6Page - International Rectifier IRF7756TRPBF Datasheet HTML 7Page - International Rectifier IRF7756TRPBF Datasheet HTML 8Page - International Rectifier IRF7756TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF7756PbF
6
www.irf.com
Fig 12. Typical On-Resistance Vs. Drain
Current
Fig 11. Typical On-Resistance Vs. Gate
Voltage
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
04
8
12
16
-ID , Drain Current (A)
0.020
0.025
0.030
0.035
0.040
VGS = -4.5V
VGS = -2.5V
VGS = -1.8V
1.0
2.0
3.0
4.0
5.0
-VGS, Gate -to -Source Voltage (V)
0.02
0.03
0.04
0.05
0.06
0.07
ID = -4.3A


유사한 부품 번호 - IRF7756TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7756 IRF-IRF7756 Datasheet
183Kb / 9P
   HEXFET Power MOSFET
IRF7756GPBF IRF-IRF7756GPBF Datasheet
242Kb / 9P
   Ultra Low On-Resistance
IRF7756PBF IRF-IRF7756PBF Datasheet
242Kb / 9P
   Ultra Low On-Resistance
More results

유사한 설명 - IRF7756TRPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com