전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

J111 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 J111
상세설명  This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J111 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  J111 Datasheet HTML 1Page - Fairchild Semiconductor J111 Datasheet HTML 2Page - Fairchild Semiconductor J111 Datasheet HTML 3Page - Fairchild Semiconductor J111 Datasheet HTML 4Page - Fairchild Semiconductor J111 Datasheet HTML 5Page - Fairchild Semiconductor J111 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
J111 / J112 / J113 / MMBFJ111 / MMBFJ112 / MMBFJ112_SB51338 / MMBFJ113
Rev. B0
3
Typical Performance Characteristics (continued)
Transfer Characteristics
-3
-2
-1
0
0
10
20
30
40
V
- GATE-SOURCE VOLTAGE (V)
GS
V
= - 3.0 V
GS(off)
25°C
V
= 15 V
DS
V
= - 2.0 V
GS(off)
125°C
- 55°C
25°C
- 55°C
125°C
Transfer Characteristics
-1.5
-1
-0.5
0
0
4
8
12
16
V
- GATE-SOURCE VOLTAGE (V)
GS
V
= - 1.6 V
GS(off)
25°C
V
= 15 V
DS
V
= - 1.1 V
GS(off)
125°C
- 55°C
25°C
- 55°C
125°C
Transfer Characteristics
-3
-2
-1
0
0
10
20
30
V
- GATE-SOURCE VOLTAGE (V)
GS
V
= - 3.0 V
GS(off)
25°C
V
= 15 V
DS
V
= - 2.0 V
GS(off)
125°C
- 55°C
25°C
125°C
- 55°C
Transfer Characteristics
-1.5
-1
-0.5
0
0
10
20
30
V
- GATE-SOURCE VOLTAGE (V)
GS
V
= - 1.6 V
GS(off)
25°C
V
= 15 V
DS
V
= - 1.1 V
GS(off)
125°C
- 55°C
25°C
125°C
- 55°C
On Resistance vs Drain Current
12
5
10
20
50
100
10
20
50
100
I
- DRAIN CURRENT (mA)
D
V
TYP = - 7.0V
GS(off)
25°C
125°C
25°C
125°C
r
@ V
= 0
GS
- 55°C
DS
V
TYP = - 2.0V
GS(off)
- 55°C
Normalized Drain Resistance
vs Bias Voltage
0
0.2
0.4
0.6
0.8
1
1
2
5
10
20
50
100
V
/V
- NORMALIZED GATE-SOURCE VOLTAGE (V)
GS
r
=
DS
V
@ 5.0V, 10
μA
GS(off)
r DS
________
VGS(off)
V
GS
1 -
GS(off)


유사한 부품 번호 - J111

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
J111 PHILIPS-J111 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
logo
Micross Components
J111 MICROSS-J111 Datasheet
289Kb / 1P
   Linear Systems replaces discontinued Siliconix J111
logo
Fairchild Semiconductor
J111 FAIRCHILD-J111 Datasheet
101Kb / 5P
   N-Channel Switch
logo
InterFET Corporation
J111 INTERFET-J111 Datasheet
98Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
Calogic, LLC
J111 CALOGIC-J111 Datasheet
21Kb / 1P
   N-Channel JFET Switch
More results

유사한 설명 - J111

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
J113-D74Z FAIRCHILD-J113-D74Z Datasheet
157Kb / 6P
   This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-950MC DATEL-SHM-950MC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49MC-C DATEL-SHM-49MC-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
SHM-49ME-C DATEL-SHM-49ME-C Datasheet
103Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com