전자부품 데이터시트 검색엔진 |
|
SA105C103KAR 데이터시트(PDF) 1 Page - AVX Corporation |
|
SA105C103KAR 데이터시트(HTML) 1 Page - AVX Corporation |
1 / 6 page 37 Axial Leads/SpinGuard® A 5 E 10 4 Z A B 8 1 0 VOLTAGE (5 = 50V) TC (E = Z5U) AVX TOLERANCE (Z = +80, -20%) YEAR (2008) WEEK (10th) CAP CODE AND MULTIPLIER ALPHA-ALPHA, LOT CODE AB=LOT #2 IN WEEK SA105E104ZAA LOT CODE/DATE CODE =810AB MARKING (EXAMPLE) SpinGuard marking includes full date code/lot code identifi- cation. A first in the industry, this format provides complete traceability to all manufacturing processes involving the basic chip and final assembly. Total Shipment traceability is also provided. PACKAGING REQUIREMENTS A = Standard Reels (see Page 48) B = 1000 piece reels (distributors only, tight tolerance only) C = Ammo Pack (see Page 48) D thru J = See Special Lead Configurations (Page 41) M = 26mm tape and reel N = 26mm ammo pack R = RoHS, Standard reels (See page 48) A Z 10 4 8 A B AVX TOLERANCE (Z = +80%, -20%) YEAR (2008) CAP CODE AND MULTIPLIER LOT CODE SA055E104ZAA LOT CODE/DATE CODE =8AB SA10, 11, 20, 30, 40 SA05 AVX SA Series Conformally Coated Axial Leaded MLC Temperature Coefficients: C0G (NP0), X7R, X5R, Z5U 10, 50, 100, 200 Volts Case Material: Epoxy (Flame Retardant to UL Bulletin 492, Par. 280) Lead Material: Solderable GENERAL DESCRIPTION HOW TO ORDER SA10 Conformal Axial Size SA05 SA10 SA11 SA20 SA30 SA40 5 Voltage Z = 10V 5 = 50V 1 = 100V 2 = 200V E Dielectric A = C0G (NP0) C = X7R D = X5R E = Z5U 104 Capacitance First two digits are the significant figures of capacitance. Third digit indicates the additional number of zeros. For example, order 100,000 pF as 104. (For values below 10pF use “R” in place of decimal point, e.g., 1R4 = 1.4pF.) Z Capacitance Tolerance C0G (NP0): C = ±.25pF D = ±.5pF F = ±1% G = ±2% J = ±5% K = ±10% X7R: J = ±5% K = ±10% M = ±20% X5R: K = ±10% M = ±20% Z5U: M = ±20% Z = +80% -20% A Failure Rate A = Not Applicable R Leads Standard (Solderable) R = RoHS Compliant A = Standard Solderable 2.30 (.090 ") Max. 3.00 (.118 ") Max. 25.4 (1.00 ") Min. .445 ± .0127 (.0175 " ± .0005") Dimensions: Millimeters (Inches) |
유사한 부품 번호 - SA105C103KAR |
|
유사한 설명 - SA105C103KAR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |