전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU-45C 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 BU-45C
상세설명  Pee-Wee Clip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

BU-45C 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-45C Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Pee-Wee Clip
• Screw or crimp connection
• Jaw opens 0.31” (7.9 mm) max
• Material: zinc-plated steel (BU-45) or solid copper (BU-45C)
• Length: 1.53” (38.89 mm)
• Federal Spec: CID AA59466-006 (BU-45C)
• Rating: 5 Amps (BU-45) or 10 Amps (BU-45C)
RoHS Compliant
Part Number:
BU-45/BU-45C
Description:
Pee-Wee Clip
3507


유사한 부품 번호 - BU-45C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BU-45 ETC2-BU-45 Datasheet
50Kb / 1P
   Pee-Wee Clip
More results

유사한 설명 - BU-45C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BU-45 ETC2-BU-45 Datasheet
50Kb / 1P
   Pee-Wee Clip
logo
Tyco Electronics
2-1105300-2 MACOM-2-1105300-2 Datasheet
88Kb / 1P
   CLIP
logo
Pomona Electronics
5514 POMONA-5514 Datasheet
21Kb / 1P
   SOIC Clip Test Clip Kit
logo
Tyco Electronics
2-1105300-1 MACOM-2-1105300-1 Datasheet
88Kb / 1P
   CLIP
logo
Pomona Electronics
6108 POMONA-6108 Datasheet
38Kb / 1P
   40 In. SOIC Clip Test Clip
6109 POMONA-6109 Datasheet
38Kb / 1P
   44 Pin SOIC Clip Test Clip
5413 POMONA-5413 Datasheet
25Kb / 1P
   14 Pin SOIC Clip Test Clip
6107 POMONA-6107 Datasheet
39Kb / 1P
   32 Pin SOIC Clip Test Clip
logo
List of Unclassifed Man...
BU-25 ETC2-BU-25 Datasheet
55Kb / 1P
   Automotive Clip
BU-60 ETC2-BU-60 Datasheet
518Kb / 1P
   Alligator Clip
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com