전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FJV3101RMTF 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FJV3101RMTF
상세설명  NPN Epitaxial Silicon Transistor with Bias Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJV3101RMTF 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FJV3101RMTF Datasheet HTML 1Page - Fairchild Semiconductor FJV3101RMTF Datasheet HTML 2Page - Fairchild Semiconductor FJV3101RMTF Datasheet HTML 3Page - Fairchild Semiconductor FJV3101RMTF Datasheet HTML 4Page - Fairchild Semiconductor FJV3101RMTF Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FJV3101R Rev. 1.1.2
1
November 2013
FJV3101R
NPN Epitaxial Silicon Transistor with Bias Resistor
Features
• 100 mA Output Current Capability
• Built-in Bias Resistor (R1 = 4.7 kΩ, R2 = 4.7 kΩ)
Application
• Switching, Interface, and Driver Circuits
• Inverters
• Digital Applications in Industrial Segments
Ordering Information
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Part Number
Top Mark
Package
Packing Method
FJV3101RMTF
R21
SOT-23 3L
Tape and Reel
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current
100
mA
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 to 150
°C
SOT-23
1. Base 2. Emitter 3. Collector
1
2
3
Equivalent Circuit
C
R1
E
B
R2
Description
Transistors with built-in resistors can be excellent
space- and cost-saving solutions by reducing compo-
nent count and simplifying circuit design.


유사한 부품 번호 - FJV3101RMTF

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FJV3101RMTF ONSEMI-FJV3101RMTF Datasheet
241Kb / 7P
   NPN Epitaxial Silicon Transistor with Bias Resistor
November 2013 Rev. 1.1.2
More results

유사한 설명 - FJV3101RMTF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FJN3314RTA FAIRCHILD-FJN3314RTA Datasheet
173Kb / 6P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJV3102RMTF FAIRCHILD-FJV3102RMTF Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJN3303RTA FAIRCHILD-FJN3303RTA Datasheet
161Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJN3302RTA FAIRCHILD-FJN3302RTA Datasheet
161Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJV3114RMTF FAIRCHILD-FJV3114RMTF Datasheet
163Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
FJX3007RTF FAIRCHILD-FJX3007RTF Datasheet
170Kb / 5P
   NPN Epitaxial Silicon Transistor with Bias Resistor
logo
ON Semiconductor
FJV3102R ONSEMI-FJV3102R Datasheet
241Kb / 7P
   NPN Epitaxial Silicon Transistor with Bias Resistor
November 2013 Rev. 1.1.2
logo
Fairchild Semiconductor
FJV4114RMTF FAIRCHILD-FJV4114RMTF Datasheet
167Kb / 5P
   PNP Epitaxial Silicon Transistor with Bias Resistor
FJX4006RTF FAIRCHILD-FJX4006RTF Datasheet
170Kb / 5P
   PNP Epitaxial Silicon Transistor with Bias Resistor
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com