전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP0067 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 FP0067
상세설명  Metal Film Resistors, Industrial, Flameproof
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FP0067 데이터시트(HTML) 2 Page - Vishay Siliconix

  FP0067 Datasheet HTML 1Page - Vishay Siliconix FP0067 Datasheet HTML 2Page - Vishay Siliconix FP0067 Datasheet HTML 3Page - Vishay Siliconix FP0067 Datasheet HTML 4Page - Vishay Siliconix FP0067 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
End of Life - August 2013
FP
www.vishay.com
Vishay Dale
Revision: 01-Feb-13
2
Document Number: 31020
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Lead length for product in strip pack. For product supplied in Tape and Reel, the actual lead length would be based on body size, tape
spacing and lead trim.
(2) Clean lead to clean lead dimensions on FP1/2 are 0.347" (11.10 mm) maximum.
DERATING
DIMENSIONS in inches (millimeters)
GLOBAL
MODEL
AB
D
FP01/2
0.360 ± 0.020 (9.14 ± 0.51) (2)
0.138 + 0.012 - 0.023 (3.51 + 0.31 - 0.58)
0.032 ± 0.002 (0.81 ± 0.05)
FP0001
0.560 ± 0.031 (14.22 ± 0.79)
0.190 + 0.005 - 0.030 (4.83 + 0.13 - 0.76)
0.032 ± 0.002 (0.81 ± 0.05)
FP0032
0.560 ± 0.031 (14.22 ± 0.79)
0.190 + 0.005 - 0.030 (4.83 + 0.13 - 0.76)
0.040 ± 0.002 (1.02 ± 0.05)
FP0002
0.687 ± 0.031 (17.45 ± 0.79)
0.300 ± 0.020 (7.62 ± 0.51)
0.032 ± 0.002 (0.81 ± 0.05)
FP0042
0.687 ± 0.031 (17.45 ± 0.79)
0.300 ± 0.020 (7.62 ± 0.51)
0.045 ± 0.002 (1.14 ± 0.05)
FP0003
0.900 ± 0.031 (22.86 ± 0.79)
0.300 ± 0.020 (7.62 ± 0.51)
0.032 ± 0.002 (0.81 ± 0.05)
FP0004
1.530 ± 0.035 (38.86 ± 0.89)
0.300 ± 0.020 (7.62 ± 0.51)
0.032 ± 0.002 (0.81 ± 0.05)
FP0005
1.710 ± 0.035 (43.43 ± 0.89)
0.300 ± 0.020 (7.62 ± 0.51)
0.032 ± 0.002 (0.81 ± 0.05)
FP0007
2.040 ± 0.035 (51.82 ± 0.89)
0.300 ± 0.020 (7.62 ± 0.51)
0.032 ± 0.002 (0.81 ± 0.05)
FP0010
2.040 ± 0.035 (51.82 ± 0.89)
0.300 ± 0.020 (7.62 ± 0.51)
0.032 ± 0.002 (0.81 ± 0.05)
FP0067
0.900 ± 0.031 (22.86 ± 0.79)
0.300 ± 0.020 (7.62 ± 0.51)
0.032 ± 0.002 (0.81 ± 0.05)
FP0069
0.516 ± 0.021 (13.11 ± 0.53)
0.225 ± 0.012 (5.72 ± 0.31)
0.032 ± 0.002 (0.81 ± 0.05)
B
A
1.500 ± 0.125
(1)
(38.10 ± 3.18)
D
AMBIENT TEMPERATURE
°C
FP0001, FP0002, FP0003,
FP0004, FP0005, FP0007
FP01/2
FP0032
FP0042
100
80
60
40
20
0
50
100
150
200
250
70
0
50
100
150
200
250
100
80
60
40
20
FP0069
3 W
2 W
0.6 W
70
AMBIENT TEMPERATURE
°C
40
FP0010
0
50
100
150
200
250
100
80
60
40
20
AMBIENT TEMPERATURE
°C
0
50
100
150
200
250
100
80
60
40
20
FP0067
5 W
4 W
3 W
AMBIENT TEMPERATURE
°C


유사한 부품 번호 - FP0067

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
FP0060 SUTEX-FP0060 Datasheet
744Kb / 5P
   짹60V AC Switch with Current Fold-Back Protection
More results

유사한 설명 - FP0067

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
FP VISHAY-FP Datasheet
234Kb / 5P
   Metal Film Resistors, Industrial, Flameproof
Revision: 01-Feb-13
CCF02 VISHAY-CCF02 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
CPF21K2000FKE14 VISHAY-CPF21K2000FKE14 Datasheet
242Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision: 05-Oct-05
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision: 15-Nov-12
CPF VISHAY-CPF Datasheet
98Kb / 4P
   Metal Film Resistors, Industrial Power, Precision, Flameproof
Revision: 11-Sep-13
CPF350R000FKE36 VISHAY-CPF350R000FKE36 Datasheet
99Kb / 3P
   Metal Film Resistors, Industrial Power, Precision, Flameproof
Revision: 11-Mar-10
CPF210K000FKE14 VISHAY-CPF210K000FKE14 Datasheet
128Kb / 4P
   Metal Film Resistors, Industrial Power, Precision, Flameproof
Revision: 19-Nov-12
logo
Welwyn Components Limit...
FA025 WELWYN-FA025 Datasheet
93Kb / 2P
   Flameproof Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
   FLAMEPROOF POWER METAL FILM RESISTORS
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
   Flameproof Power Metal Film Resistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com