전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSB117HNY 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FSB117HNY
상세설명  mWSaver??Fairchild Power Switch (FPS??
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB117HNY 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FSB117HNY Datasheet HTML 1Page - Fairchild Semiconductor FSB117HNY Datasheet HTML 2Page - Fairchild Semiconductor FSB117HNY Datasheet HTML 3Page - Fairchild Semiconductor FSB117HNY Datasheet HTML 4Page - Fairchild Semiconductor FSB117HNY Datasheet HTML 5Page - Fairchild Semiconductor FSB117HNY Datasheet HTML 6Page - Fairchild Semiconductor FSB117HNY Datasheet HTML 7Page - Fairchild Semiconductor FSB117HNY Datasheet HTML 8Page - Fairchild Semiconductor FSB117HNY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSB117H / FSB127H / FSB147H • Rev. 1.0.7
4
Pin Configuration
Figure 3.
Pin Configuration
Pin Definitions
Pin #
Name
Description
1
GND
Ground. This pin internally connects to the SenseFET source and signal ground of the PWM
controller.
2
VDD
Supply voltage of the IC. Typically the holdup capacitor connects from this pin to ground.
Rectifier diode in series with the transformer auxiliary winding connects to this pin to supply bias
during normal operation.
3
FB
Feedback. The signal from the external compensation circuit connects to this pin. The PWM duty
cycle is determined by comparing the signal on this pin and the internal current-sense signal.
4
IPK
Adjust peak current. Typically a resistor connects from this pin to the GND pin to program the
current-limit level. The internal current source (50 µA) introduces voltage drop across the
resistor, which determines the current limit level of pulse-by-pulse current limit.
5
HV
Startup. Typically, resistors in series with diodes from the AC line connect to this pin to supply
internal bias and to charge the external capacitor connected between the VDD pin and the GND
pin during startup. This pin is also used to sense the line voltage for brownout protection and AC
line disconnection detection.
6
Drain
SenseFET drain. This pin is designed to directly drive the transformer.
7
8
F
– Fairchild Logo
Z – Plant Code
X – 1-Digit Year Code
Y – 1-Digit Week Code
TT – 2-Digit Die Run Code
T – Package Type (N: DIP)
P – Y: Green Package
M – Manufacture Flow Code


유사한 부품 번호 - FSB117HNY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSB117H FAIRCHILD-FSB117H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117H FAIRCHILD-FSB117H Datasheet
875Kb / 18P
   mWSaver Fairchild Power Switch
FSB117H FAIRCHILD-FSB117H_13 Datasheet
875Kb / 18P
   mWSaver Fairchild Power Switch
More results

유사한 설명 - FSB117HNY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSB117H FAIRCHILD-FSB117H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117H FAIRCHILD-FSB117H_13 Datasheet
875Kb / 18P
   mWSaver Fairchild Power Switch
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com