전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ60 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SMAJ60
상세설명  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMAJ60 데이터시트(HTML) 3 Page - Vishay Siliconix

  SMAJ60 Datasheet HTML 1Page - Vishay Siliconix SMAJ60 Datasheet HTML 2Page - Vishay Siliconix SMAJ60 Datasheet HTML 3Page - Vishay Siliconix SMAJ60 Datasheet HTML 4Page - Vishay Siliconix SMAJ60 Datasheet HTML 5Page - Vishay Siliconix SMAJ60 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMAJ5.0 thru SMAJ188CA
Vishay General Semiconductor
Document Number: 88390
Revision: 29-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Notes:
(1) Pulse test: tp ≤ 50 ms
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) For bi-directional types having VWM of 10 V and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
(5) For the bi-directional SMAJ5.0CA, the maximum VBR is 7.25 V
(6) VF = 3.5 V at IF = 25 A (uni-directional only)
SMAJ40A
CR
YR
44.4
49.1
1.0
40
1.0
6.2
64.5
SMAJ43
CS
YS
47.8
58.4
1.0
43
1.0
5.2
76.7
SMAJ43A
CT
YT
47.8
52.8
1.0
43
1.0
5.8
69.4
SMAJ45
CU
YU
50.0
61.1
1.0
45
1.0
5.0
80.3
SMAJ45A
CV
YV
50.0
55.3
1.0
45
1.0
5.5
72.7
SMAJ48
CW
YW
53.3
65.1
1.0
48
1.0
4.7
85.5
SMAJ48A
CX
YX
53.3
58.9
1.0
48
1.0
5.2
77.4
SMAJ51
CY
YY
56.7
69.3
1.0
51
1.0
4.4
91.1
SMAJ51A
CZ
YZ
56.7
62.7
1.0
51
1.0
4.9
82.4
SMAJ54
RD
ZD
60.0
73.3
1.0
54
1.0
4.2
96.3
SMAJ54A
RE
ZE
60.0
66.3
1.0
54
1.0
4.6
87.1
SMAJ58
RF
ZF
64.4
78.7
1.0
58
1.0
3.9
103
SMAJ58A
RG
ZG
64.4
71.2
1.0
58
1.0
4.3
93.6
SMAJ60
RH
ZH
66.7
81.5
1.0
60
1.0
3.7
107
SMAJ60A
RK
ZK
66.7
73.7
1.0
60
1.0
4.1
96.8
SMAJ64
RL
ZL
71.1
86.9
1.0
64
1.0
3.5
114
SMAJ64A
RM
ZM
71.1
78.6
1.0
64
1.0
3.9
103
SMAJ70
RN
ZN
77.8
95.1
1.0
70
1.0
3.2
125
SMAJ70A
RP
ZP
77.8
86.0
1.0
70
1.0
3.5
113
SMAJ75
RQ
ZQ
83.3
102
1.0
75
1.0
3.0
134
SMAJ75A
RR
ZR
83.3
92.1
1.0
75
1.0
3.3
121
SMAJ78
RS
ZS
86.7
106
1.0
78
1.0
2.9
139
SMAJ78A
RT
ZT
86.7
95.8
1.0
78
1.0
3.2
126
SMAJ85
RU
ZU
94.4
115
1.0
85
1.0
2.0
151
SMAJ85A
RV
ZV
94.4
104
1.0
85
1.0
2.2
137
SMAJ90
RW
ZW
100
122
1.0
90
1.0
1.9
160
SMAJ90A
RX
ZX
100
111
1.0
90
1.0
2.1
146
SMAJ100
RY
ZY
111
136
1.0
100
1.0
1.7
179
SMAJ100A
RZ
ZZ
111
123
1.0
100
1.0
1.9
162
SMAJ110
VD
VD
122
149
1.0
110
1.0
1.5
196
SMAJ110A
SE
VE
122
135
1.0
110
1.0
1.7
177
SMAJ120
SF
VF
133
163
1.0
120
1.0
1.4
214
SMAJ120A
VG
VG
133
147
1.0
120
1.0
1.6
193
SMAJ130
SH
VH
144
176
1.0
130
1.0
1.3
231
SMAJ130A
VK
VK
144
159
1.0
130
1.0
1.4
209
SMAJ150
SL
VL
167
204
1.0
150
1.0
1.1
268
SMAJ150A
VM
VM
167
185
1.0
150
1.0
1.2
243
SMAJ160
SN
VN
178
218
1.0
160
1.0
1.0
287
SMAJ160A
SP
VP
178
197
1.0
160
1.0
1.2
259
SMAJ170
SQ
VQ
189
231
1.0
170
1.0
0.99
304
SMAJ170A
SR
VR
189
209
1.0
170
1.0
1.09
275
SMAJ188
ST
VT
209
255
1.0
188
1.0
0.90
344
SMAJ188A
SS
VS
209
231
1.0
188
1.0
0.91
328
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
(3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A)
(2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
UNI
BI
MIN.
MAX.


유사한 부품 번호 - SMAJ60

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
SMAJ60 JGD-SMAJ60 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Jiangsu High diode Semi...
SMAJ60 HDSEMI-SMAJ60 Datasheet
1Mb / 7P
   SMAK Plastic-Encapsulate Diodes
logo
Socay Electornics Co., ...
SMAJ60 SOCAY-SMAJ60 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ60 RFE-SMAJ60 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
logo
Socay Electornics Co., ...
SMAJ60 SOCAY-SMAJ60 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

유사한 설명 - SMAJ60

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com