전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD3571FP 데이터시트(PDF) 6 Page - Rohm

부품명 BD3571FP
상세설명  High Voltage LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD3571FP 데이터시트(HTML) 6 Page - Rohm

Back Button BD3571FP Datasheet HTML 2Page - Rohm BD3571FP Datasheet HTML 3Page - Rohm BD3571FP Datasheet HTML 4Page - Rohm BD3571FP Datasheet HTML 5Page - Rohm BD3571FP Datasheet HTML 6Page - Rohm BD3571FP Datasheet HTML 7Page - Rohm BD3571FP Datasheet HTML 8Page - Rohm BD3571FP Datasheet HTML 9Page - Rohm BD3571FP Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Technical Note
6/9
BD3570FP/HFP, BD3571FP/HFP, BD3572FP/HFP, BD3573FP/HFP
BD3574FP/HFP, BD3575FP/HFP
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●Peripheral Settings for Pins and Precautions
1) VCC pins
Insert capacitors with a capacitance of 0.33μF to 1000μF between the VCC and GND pins.
The capacitance varies with the application. Be sure to design the capacitance with a sufficient margin.
2) Capacitors for stopping oscillation for output pins
Capacitors for stopping oscillation must be placed between each output pin and the GND pin. Use a capacitor within a
capacitance range between 0.1μF and 1000μF. Since oscillation does not occur even for ESR values from 0.001Ω to
100Ω, a ceramic capacitor can be used. Abrupt input voltage and load fluctuations can affect output voltages. Output
capacitor capacitance values should be determined after sufficient testing of the actual application.
●Operation Notes
1) Absolute maximum ratings
Use of the IC in excess of absolute maximum ratings such as the applied voltage or operating temperature range may
result in IC damage. Assumptions should not be made regarding the state of the IC (short mode or open mode) when
such damage is suffered. A physical safety measure such as a fuse should be implemented when use of the IC in a
special mode where the absolute maximum ratings may be exceeded is anticipated.
2) GND potential
Ensure a minimum GND pin potential in all operating conditions.
3) Setting of heat
Use a thermal design that allows for a sufficient margin in light of the power dissipation (Pd) in actual operating conditions.
4) Pin short and mistake fitting
Use caution when orienting and positioning the IC for mounting on printed circuit boards. Improper mounting may result in
damage to the IC. Shorts between output pins or between output pins and the power supply and GND pins caused by the
presence of a foreign object may result in damage to the IC.
5) Actions in strong magnetic field
Use caution when using the IC in the presence of a strong magnetic field as doing so may cause the IC to malfunction.
6) Testing on application boards
When testing the IC on an application board, connecting a capacitor to a pin with low impedance subjects the IC to stress.
Always discharge capacitors after each process or step. Be sure to turn power off when mounting or dismounting jigs at
the inspection stage. Furthermore, for countermeasures against static electricity, ground the equipment at the assembling
stage and pay utmost attention at the time of transportation or storing the product.
7) This monolithic IC contains P+ isolation and P substrate layers between adjacent elements in order to keep them isolated.
PN junction is formed by the P layer and the N layer of each element, and a variety of parasitic elements will be
constituted.
For example, when a resistor and transistor are connected to pins as shown in Fig. 19,
 the P/N junction functions as a parasitic diode when GND>Pin A for the resistor or GND>Pin B for the transistor
(NPN).
 Similarly, when GND>Pin B for the transistor (NPN), the parasitic diode described above combines with the N
layer of other adjacent elements to operate as a parasitic NPN transistor.


유사한 부품 번호 - BD3571FP

제조업체부품명데이터시트상세설명
logo
Rohm
BD3571FP ROHM-BD3571FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
BD3571FP ROHM-BD3571FP Datasheet
327Kb / 12P
   High Voltage LDO Regulators
BD3571FP ROHM-BD3571FP Datasheet
252Kb / 10P
   High Voltage LDO Regulators
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
More results

유사한 설명 - BD3571FP

제조업체부품명데이터시트상세설명
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
BD3571YFP-M ROHM-BD3571YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3575HFP-TR ROHM-BD3575HFP-TR Datasheet
327Kb / 12P
   High Voltage LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
logo
SHANGHAI BELLING CO., L...
BL9118 BELLING-BL9118 Datasheet
187Kb / 12P
   800mA Adjustable Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com