전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP16CP05PTR 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STP16CP05PTR
상세설명  Low voltage 16-bit constant current LED sink driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP05PTR 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STP16CP05PTR Datasheet HTML 6Page - STMicroelectronics STP16CP05PTR Datasheet HTML 7Page - STMicroelectronics STP16CP05PTR Datasheet HTML 8Page - STMicroelectronics STP16CP05PTR Datasheet HTML 9Page - STMicroelectronics STP16CP05PTR Datasheet HTML 10Page - STMicroelectronics STP16CP05PTR Datasheet HTML 11Page - STMicroelectronics STP16CP05PTR Datasheet HTML 12Page - STMicroelectronics STP16CP05PTR Datasheet HTML 13Page - STMicroelectronics STP16CP05PTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Timing diagrams
STP16CP05
10/27
Doc ID 12568 Rev 10
5
Timing diagrams
Note:
OUTn = ON when Dn = H OUTn = OFF when Dn = L
Figure 8.
Timing diagram
Note:
1
Latch and Output Enable are level sensitive and ARE NOT synchronized with rising-or-
falling edge of CLK signal.
2
When LE/DM1 terminal is low level, the latch circuits hold previous set of data
3
When LE/DM1 terminal is high level, the latch circuits refresh new set of data from SDI
chain.
4
When OE/DM2 terminal is low level, the output terminals - Out0 to Out15 respond to data in
the latch circuits, either '1' for ON or '0' for OFF
5
When OE/DM2 terminal is at high level, all output terminals will be switched OFF.
Table 9.
Truth table
CLOCK
LE/DM1
OE/DM2
Serial-IN OUT0 ............. OUT7 ................ OUT15
SDO
H
L
Dn
Dn ..... Dn - 7 ..... Dn -15
Dn - 15
L
L
Dn + 1
No change
Dn - 14
H
L
Dn + 2
Dn + 2 ..... Dn - 5 ..... Dn -13
Dn - 13
X
L
Dn + 3
Dn + 2 ..... Dn - 5 ..... Dn -13
Dn - 13
X
H
Dn + 3
OFF
Dn - 13


유사한 부품 번호 - STP16CP05PTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
   Low voltage 16-Bit constant current LED sink driver
STP16CP05B1R STMICROELECTRONICS-STP16CP05B1R Datasheet
571Kb / 26P
   Low voltage 16-Bit constant current LED sink driver
STP16CP05MTR STMICROELECTRONICS-STP16CP05MTR Datasheet
571Kb / 26P
   Low voltage 16-Bit constant current LED sink driver
STP16CP05TTR STMICROELECTRONICS-STP16CP05TTR Datasheet
571Kb / 26P
   Low voltage 16-Bit constant current LED sink driver
STP16CP05XTR STMICROELECTRONICS-STP16CP05XTR Datasheet
571Kb / 26P
   Low voltage 16-Bit constant current LED sink driver
More results

유사한 설명 - STP16CP05PTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
STAP16DPPS05 STMICROELECTRONICS-STAP16DPPS05 Datasheet
997Kb / 33P
   Low voltage 16-bit constant current LED sink driver
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver
November 2015 Rev 6
logo
List of Unclassifed Man...
STP16CP596 ETC1-STP16CP596 Datasheet
622Kb / 18P
   LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
STMicroelectronics
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
   Low voltage 16-Bit, constant current LED sink driver
STP16CL596 STMICROELECTRONICS-STP16CL596 Datasheet
558Kb / 18P
   LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
   Low voltage 16-Bit constant current LED sink driver
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com