전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3N244 데이터시트(PDF) 3 Page - OPTEK Technologies

부품명 3N244
상세설명  Hi-Reliability Optically Coupled Isolator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPTEK [OPTEK Technologies]
홈페이지  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

3N244 데이터시트(HTML) 3 Page - OPTEK Technologies

  3N244 Datasheet HTML 1Page - OPTEK Technologies 3N244 Datasheet HTML 2Page - OPTEK Technologies 3N244 Datasheet HTML 3Page - OPTEK Technologies 3N244 Datasheet HTML 4Page - OPTEK Technologies 3N244 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.3
11/09
Page 3 of 5
Hi-Reliability Optically Coupled Isolator
3C91C, 3C92C, 3N243, 3N244, 3N245, 3N261, 3N262, 3N263
(TX, TXV)
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
3C91C, 3C92C (TX, TXV)
3C91C, 3C92C (TX, TXV)
3N243, 3N244, 3N245 (TX, TXV)
3N243, 3N244, 3N245 (TX, TXV)
3N243, 3N244, 3N245 (TX, TXV)
3N261, 3N262, 3N263 (TX, TXV)
3N261, 3N262, 3N263 (TX, TXV)
3N261, 3N262, 3N263 (TX, TXV)
-
-
0.8
1.0
0.7
0.8
1.0
0.7
-
-
-
-
-
-
-
-
1.2
1.5
1.3
1.5
1.2
1.5
1.7
1.3
V
IF = 2 mA
IF = 50 mA
IF = 10 mA
IF = 10 mA, TA = -55° C
IF = 10 mA, TA = -100° C
IF = 10 mA
IF = 10 mA, TA = -55° C
IF = 10 mA, TA = -100° C
VR
Reverse Voltage
3C91C, 3C92C (TX, TXV)
7
-
-
V
IR = 0.1 mA
IR
Reverse Current
3C91C, 3C92C (TX, TXV)
3N243, 3N244, 3N245 (TX, TXV)
3N261, 3N262, 3N263 (TX, TXV)
-
-
-
-
-
-
1
100
100
µA
VR= 3.0 V
VR= 2.0 V
VR= 2.0 V
CIN
Diode Capacitance
3C91C, 3C92C (TX, TXV)
-
25
-
pF
V = 0, f = 1 MHz
V(BR)CEO
Collector-Emitter Breakdown Voltage
3C91C, 3C92C (TX, TXV)
3N243, 3N244, 3N245 (TX, TXV)
3N261, 3N262, 3N263 (TX, TXV)
50
30
40
-
-
-
-
-
-
V
IC = 10.0 mA
IC = 1.0 mA
IC = 1.0 mA
V(BR)ECO
Emitter-Collector Breakdown Voltage
3C91C, 3C92C (TX, TXV)
3N243, 3N244, 3N245 (TX, TXV)
3N261, 3N262, 3N263 (TX, TXV)
7
5
7
-
-
-
-
-
-
V
IC = 10 µA
IE = 100 µA
IE = 100 µA
ICEO
Collector Dark Current
3C91C, 3C92C (TX, TXV)
3C91C, 3C92C (TX, TXV)
3N243, 3N244, 3N245 (TX, TXV)
3N243, 3N244, 3N245 (TX, TXV)
3N261, 3N262, 3N263 (TX, TXV)
3N261, 3N262, 3N263 (TX, TXV)
-
-
-
-
-
-
-
-
-
-
-
-
10
50
100
100
100
100
nA
nA
nA
µA
µA
µA
VCE = 5 V
VCE = 50 V
VCE = 10.0 V
VCE = 10.0 V, TA = 100° C
VCE = 10.0 V
VCE = 10.0 V, TA = 100° C
Output Phototransistor


유사한 부품 번호 - 3N244

제조업체부품명데이터시트상세설명
logo
OPTEK Technologies
3N244 OPTEK-3N244 Datasheet
290Kb / 2P
   High Reliability Opeically Coupled Isolators
logo
TT Electronics.
3N244 TTELEC-3N244 Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
3N244R OPTEK-3N244R Datasheet
290Kb / 2P
   High Reliability Opeically Coupled Isolators
3N244TX OPTEK-3N244TX Datasheet
290Kb / 2P
   High Reliability Opeically Coupled Isolators
More results

유사한 설명 - 3N244

제조업체부품명데이터시트상세설명
logo
OPTEK Technologies
4N22ATX OPTEK-4N22ATX Datasheet
206Kb / 6P
   Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
4N22 TTELEC-4N22 Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
JAN4N22 OPTEK-JAN4N22 Datasheet
216Kb / 4P
   Hi-Reliability Optically Coupled Isolator
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
logo
TT Electronics.
OPI150TX TTELEC-OPI150TX Datasheet
276Kb / 3P
   High Reliability Optically Coupled Isolator
OPI120TX TTELEC-OPI120TX Datasheet
260Kb / 3P
   High Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI125 OPTEK-OPI125 Datasheet
199Kb / 2P
   HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com