전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N24A 데이터시트(PDF) 2 Page - OPTEK Technologies

부품명 4N24A
상세설명  Hi-Reliability Optically Coupled Isolator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPTEK [OPTEK Technologies]
홈페이지  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

4N24A 데이터시트(HTML) 2 Page - OPTEK Technologies

  4N24A Datasheet HTML 1Page - OPTEK Technologies 4N24A Datasheet HTML 2Page - OPTEK Technologies 4N24A Datasheet HTML 3Page - OPTEK Technologies 4N24A Datasheet HTML 4Page - OPTEK Technologies 4N24A Datasheet HTML 5Page - OPTEK Technologies 4N24A Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
08/2010
Page 2 of 6
Hi-Reliability Optically Coupled Isolator
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
Notes:
1. Measured with input leads shorted together and output leads shorted together.
2. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
3. Derate linearly 1.0 mW/° C above 65° C.
4. Derate linearly 3.0 mW/° C above 25° C.
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
4N22, 4N22A, 4N23, 4N23A, 4N24, 4N24A (COTS, TX, TXV)
4N47, 4N47A, 4N48, 4N48A, 4N49, 4N49A (COTS, TX, TXV)
-65° C to +125° C
-55° C to +150° C
Operating Temperature Range
4N22, 4N22A, 4N23, 4N23A, 4N24, 4N24A (COTS, TX, TXV)
4N47, 4N47A, 4N48, 4N48A, 4N49, 4N49A (COTS, TX, TXV)
-65° C to +125° C
-55° C to +125° C
Input-to-Output Isolation Voltage
± 1.00 kVDC(1)
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C(2)
Input Diode
Forward DC Current (65° C or below)
40 mA
Reverse Voltage
2 V
Peak Forward Current (1 µs pulse width, 300 pps)
4N22, 4N22A, 4N23, 4N23A, 4N24, 4N24A (COTS, TX, TXV)
1 A
Power Dissipation
60 mW(3)
Output Sensor
(4N22, 4N22A, 4N23, 4N23A, 4N24, 4N24A )
Continuous Collector Current
50 mA
Collector-Emitter Voltage
35 V
Collector-Base Voltage
35 V
Emitter-Base Voltage
4 V
Power Dissipation
300 mW(4)
Output Phototransistor
(4N47, 4N47A, 4N48, 4N48A, 4N49, 4N49A )
Continuous Collector Current
50 mA
Collector-Emitter Voltage
40 V
Collector-Base Voltage
45 V
Emitter-Base Voltage
7.0 V
Power Dissipation
300 mW(4)


유사한 부품 번호 - 4N24A

제조업체부품명데이터시트상세설명
logo
Micropac Industries
4N24A MICROPAC-4N24A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
4N24A NJSEMI-4N24A Datasheet
259Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
TT Electronics.
4N24A TTELEC-4N24A Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
4N24ATX TTELEC-4N24ATX Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
4N24ATXV TTELEC-4N24ATXV Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
More results

유사한 설명 - 4N24A

제조업체부품명데이터시트상세설명
logo
OPTEK Technologies
3C91CTX OPTEK-3C91CTX Datasheet
220Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
4N22 TTELEC-4N22 Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
JAN4N22 OPTEK-JAN4N22 Datasheet
216Kb / 4P
   Hi-Reliability Optically Coupled Isolator
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
logo
TT Electronics.
OPI150TX TTELEC-OPI150TX Datasheet
276Kb / 3P
   High Reliability Optically Coupled Isolator
OPI120TX TTELEC-OPI120TX Datasheet
260Kb / 3P
   High Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI125 OPTEK-OPI125 Datasheet
199Kb / 2P
   HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com