전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OP224TXV 데이터시트(PDF) 3 Page - OPTEK Technologies

부품명 OP224TXV
상세설명  Hi-Reliability GaAIAs Infrared Emitting Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPTEK [OPTEK Technologies]
홈페이지  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP224TXV 데이터시트(HTML) 3 Page - OPTEK Technologies

  OP224TXV Datasheet HTML 1Page - OPTEK Technologies OP224TXV Datasheet HTML 2Page - OPTEK Technologies OP224TXV Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.3
09/13
Page 3 of 3
Hi-Reliability GaAIAs Infrared Emitting Diode
OP223, OP224 (TX, TXV)
OP224 (S)
OP223 (TX, TXV), OP224 (S, TX, TXV)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
10
20
30
40506070
80
90
100
Forward Current (mA)
-60° C
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
100° C
120°C
Forward Voltage vs
Forward Current vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
203040
5060708090
100
Forward Current IF (mA)
-60° C
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
100° C
120° C
Normalized at 50 mA and 20° C
Optical Power vs IF vs
Temperature
0
1
2
3
4
5
6
0.2 ''
0.4 ''
0.6 ''
0.8 ''
1.0 ''
1.2 ''
1.4 ''
1.6 ''
1.8 ''
2.0 ''
Distance (inches)
10 mA
20 mA
30 mA
40 mA
50 mA
60 mA
70 mA
80 mA
90 mA
100 mA
Normalized at 1" and 50 mA
Forward Current
Distance vs Output Power vs
Forward Current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-20
-15
-10
-5
0
5
10
15
20
Angular Displacement (Degrees)
Forward Voltage vs Relative Radiant Intensity
vs Angular Displacement


유사한 부품 번호 - OP224TXV

제조업체부품명데이터시트상세설명
logo
OPTEK Technologies
OP224TXV OPTEK-OP224TXV Datasheet
447Kb / 3P
   Hi-Reliability GaAIAs Infrared Emitting Diode
logo
TT Electronics.
OP224TXV TTELEC-OP224TXV Datasheet
828Kb / 4P
   Hi-Reliability GaAIAs Infrared Emitting Diode
More results

유사한 설명 - OP224TXV

제조업체부품명데이터시트상세설명
logo
TT Electronics.
OP223 TTELEC-OP223 Datasheet
828Kb / 4P
   Hi-Reliability GaAIAs Infrared Emitting Diode
logo
OPTEK Technologies
OP223 OPTEK-OP223_06 Datasheet
447Kb / 3P
   Hi-Reliability GaAIAs Infrared Emitting Diode
OP266W OPTEK-OP266W Datasheet
374Kb / 2P
   GaAIAs Plastic Infrared Emitting Diode
OP265 OPTEK-OP265 Datasheet
273Kb / 2P
   GAAIAS PLASTIC INFRARED EMITTING DIODE
OP235TX OPTEK-OP235TX Datasheet
225Kb / 2P
   Hi- Reliability GaAlAs Infrared Emitting Diodes
logo
KODENSHI_AUK CORP.
KFL-1ML-N KODENSHI-KFL-1ML-N Datasheet
67Kb / 4P
   Infrared Emitting Diodes(GaAIAs)
KBL-1KL3 KODENSHI-KBL-1KL3 Datasheet
41Kb / 2P
   Infrared Emitting Diodes(GaAIAs)
logo
OPTEK Technologies
OP240A OPTEK-OP240A Datasheet
400Kb / 2P
   GAAIAS PLASTIC INFRARED EMITTING DIODES
OP266A OPTEK-OP266A Datasheet
323Kb / 2P
   GAAIAS PLASTIC INFRARED EMITTING DIODES
OP245A OPTEK-OP245A Datasheet
360Kb / 2P
   GAAIAS PLASTIC INFRARED EMITTING DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com