전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

54-367-055 데이터시트(HTML) 12 Page - Spectrum Microwave, Inc.

부품명 54-367-055
상세내용  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPECTRUM [Spectrum Microwave, Inc.]
홈페이지  http://www.spectrummicrowave.com
Logo 

54-367-055 데이터시트(HTML) 12 Page - Spectrum Microwave, Inc.

 
Zoom Inzoom in Zoom Outzoom out
/ 16 page
 12 / 16 page
background image
Hermetically Sealed
Threaded Case Filters
.250
(6.35)
.560 Max.
(14.22)
.312
(7.92)
.115
± .005
(2.92
± .127)
5/16–24 Unf–2A Thd.
ø .687
± .015
(17.45
± .38)
.062
(1.57) x .125 (3.17)
Slot, both ends
L
Figure 1
85°C
125°C
Rated Voltage
DC
AC
10
6
6
29
19
19
14
14
39
25
25
19
19
50
36
36
30
30
60
50
50
45
50
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
¦ 9932-100-6004
54-310-001
54-310-005
54-310-009
¦ 9932-100-6005
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
2
1
1
15
15
25
15
15
2.600
0.500
0.500
0.250
0.250
70
70
70
60
70
70
70
70
70
70
200
300
250
450
450
150
300
200
400
400
240
240
125
125
240
240
DC
AC
MIL
No
Max
L
0.702
0.560
0.750
0.560
0.560
(17.831)
(14.224)
(19.050)
(14.224)
(14.224)
In
(mm)
DCR
Max
Ohms
0.005
0.005
0.005
0.005
0.005
¦ Also available through Spectrum Control’s authorized distributors.
85°C
125°C
Rated Voltage
DC
AC
515
21
31
51
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
54-310-039
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
15
0.200
70
70
275
125
DC
AC
M15733
MIL
No
34-0037
Max
L
0.575
(14.605)
In
(mm)
DCR
Max
Ohms
0.005
.690 ø C Circuit MIL Qualified Product
85°C
125°C
Rated Voltage
DC
AC
—10
16
26
40
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
54-310-042
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
15
0.150
52
70
400
230
DC
AC
84084
No
-001
Max
L
0.700
(17.780)
In
(mm)
DCR
Max
Ohms
0.005
.690 ø C Circuit DSCC 84084 Product
.250
(6.35)
.735 Max.
(18.62)
.312
(7.92)
L
ø .687
± .015
(17.45
± .38)
5/16–24 Unf–2A Thd.
.093
(2.36)
ø Hole, both ends
Figure 2
Dimensions in inches
(mm)
.690 ø C Circuit
.690 ø C Circuit Standard Product
SPECTRUM CONTROL INC. • 8031 Avonia Rd. • Fairview, PA 16415 • Phone: 814-474-2207 • Fax: 814-474-2208 • Web site: www.spectrumcontrol.com
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
97
*1566 PRINTER 063-120 v2
12/4/06
9:13 AM
Page 33


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn