전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

54-367-055 데이터시트(HTML) 15 Page - Spectrum Microwave, Inc.

부품명 54-367-055
상세내용  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPECTRUM [Spectrum Microwave, Inc.]
홈페이지  http://www.spectrummicrowave.com
Logo 

54-367-055 데이터시트(HTML) 15 Page - Spectrum Microwave, Inc.

 
Zoom Inzoom in Zoom Outzoom out
/ 16 page
 15 / 16 page
background image
Hermetically Sealed
Threaded Case Filters
85°C
125°C
Rated Voltage
DC
AC
35
23
69
31
53
31
11
70
35
70
51
30
70
35
70
70
65
70
70
70
70
70
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
51-321-322
SCI-6130-009
51-321-317
¦51-321-318
¦51-321-319
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1.00
20.0
1.00
3.00
5.00
2.800
5.200
0.720
0.720
0.720
70
70
70
70
70
70
70
70
70
70
150
150
450
450
450
100
100
400
400
400
240
240
240
*240
*240
*240
DC
AC
MIL
No
Max
L
1.195
1.195
1.195
1.195
1.195
(30.353)
(30.353)
(30.353)
(30.353)
(30.353)
In
(mm)
DCR
Max
Ohms
0.210
0.001
0.400
0.030
0.020
85°C
125°C
Rated Voltage
DC
AC
47
43
10
16
16
65
61
28
18
18
80
80
64
48
48
80
80
80
80
80
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
51-321-312
51-323-313
51-321-313
¦ 51-321-314
51-321-329
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1.00
1.00
5.00
10.0
10.0
0.500
0.500
0.500
0.500
0.500
70
70
70
70
70
70
70
70
70
70
200
200
200
200
200
125
125
125
125
125
DC
AC
M15733
MIL
No
27-0004
27-0003
27-0010
27-0013
34-0005
Max
L
1.195
1.031
1.195
1.195
1.195
(30.353)
(26.187)
(30.353)
(30.353)
(30.353)
In
(mm)
DCR
Max
Ohms
0.250
0.270
0.024
0.008
0.075
.690 ø Pi Circuit MIL Qualified Product
.690 ø Pi Circuit Standard Product
(See MIL index on page 244-246 for complete
MIL part number listing)
.560 Max.
(14.22)
L
.312
(7.92)
.115
± .005
(2.921
± .127)
.250
(6.35)
ø .687
± .015
(17.45
± .38)
.062
(1.57) x .125 (3.18)
Slot, both ends
5/16–24 Unf–2A Thd.
Figure 1
.555 Max.
(14.10)
.312
(7.92)
L
.140 Max.
(3.56)
5/16–24 Unf–2A Thd.
.250
(6.35)
ø .687
± .015
(17.45
± .38)
.062
(1.57) x .125 (3.18)
Slot, both ends
Figure 2
* 0-60 Hz
85°C
125°C
Rated Voltage
DC
AC
27
46
30
12
74
60
50
30
80
80
80
80
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
51-321-398
51-321-399
51-321-400
51-321-401
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
2
2
2
2
1.00
3.00
5.00
10.0
0.200
0.200
0.200
0.200
80
80
80
80
80
80
80
80
400
400
400
400
230
230
230
230
DC
AC
84084
No
-013
-014
-015
-016
Max
L
1.200
1.200
1.200
1.200
(30.480)
(30.480)
(30.480)
(30.480)
In
(mm)
DCR
Max
Ohms
0.150
0.026
0.013
0.008
.690 ø Pi Circuit DSCC 84084 Product
.690 ø Pi Circuit
Dimensions in inches
(mm)
SPECTRUM CONTROL INC. • 8031 Avonia Rd. • Fairview, PA 16415 • Phone: 814-474-2207 • Fax: 814-474-2208 • Web site: www.spectrumcontrol.com
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
100
¦ Also available through Spectrum Control’s authorized distributors.
*1566 PRINTER 063-120 v2
12/4/06
9:13 AM
Page 36


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn