전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SR350 데이터시트(PDF) 1 Page - Dc Components

부품명 SR350
상세설명  TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DCCOM [Dc Components]
홈페이지  http://www.dccomponents.com
Logo DCCOM - Dc Components

SR350 데이터시트(HTML) 1 Page - Dc Components

  SR350 Datasheet HTML 1Page - Dc Components SR350 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE - 50 to 100 Volts
CURRENT - 3.0 Amperes
FEATURES
* Fast switching
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capability
* High reliability
* High surge capability
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 1.18 grams
SR350
THRU
SR3100
NOTES : 1. Thermal Resistance (Junction to Ambient): Vertical PC Board Mounting, 0.5*(12.7mm) Lead Length.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
Dimensions in inches and (millimeters)
Maximum DC Reverse Current
at Rated DC Blocking Voltage
VF
IR
mAmps
Maximum Instantaneous Forward Voltage at 3.0A DC
Volts
3.0
30
@TA = 25
oC
@TA = 100
oC
.75
.85
mAmps
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375*(9.5mm) lead length
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
3.0
80
30
200
Amps
0C/ W
0 C
Storage Temperature Range
R JA
IO
pF
Operating Temperature Range
TJ
SR350
SR380
SR3100
SR360
50
80
100
60
35
56
70
42
-65 to + 150
-65 to + 150
0 C
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
DO-27
50
80
100
60
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
θ
26
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


유사한 부품 번호 - SR350

제조업체부품명데이터시트상세설명
logo
PACELEADER INDUSTRIAL
SR350 PACELEADER-SR350 Datasheet
566Kb / 2P
   3.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR350 WTE-SR350 Datasheet
47Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SR350 SEMTECH_ELEC-SR350 Datasheet
216Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
SUNMATE electronic Co.,...
SR350 SUNMATE-SR350 Datasheet
141Kb / 2P
   3.0A Axial Leaded Schottky Barrier Diode
logo
Shenzhen Yixinwei Techn...
SR350 YIXIN-SR350 Datasheet
112Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SR350

제조업체부품명데이터시트상세설명
logo
Dc Components
1N5820 DCCOM-1N5820 Datasheet
392Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
SR1020 DCCOM-SR1020 Datasheet
433Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
1N5817 DCCOM-1N5817 Datasheet
387Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
SR220 DCCOM-SR220 Datasheet
459Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
SR5020 DCCOM-SR5020 Datasheet
487Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
SR820 DCCOM-SR820 Datasheet
481Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
SR3020 DCCOM-SR3020 Datasheet
522Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
SR520 DCCOM-SR520 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
SR150 DCCOM-SR150 Datasheet
432Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
SR1620 DCCOM-SR1620 Datasheet
435Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com