전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1101N5 데이터시트(PDF) 2 Page - Cystech Electonics Corp.

부품명 LM1101N5
상세설명  300mA High PSRR Low Noise LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1101N5 데이터시트(HTML) 2 Page - Cystech Electonics Corp.

  LM1101N5 Datasheet HTML 1Page - Cystech Electonics Corp. LM1101N5 Datasheet HTML 2Page - Cystech Electonics Corp. LM1101N5 Datasheet HTML 3Page - Cystech Electonics Corp. LM1101N5 Datasheet HTML 4Page - Cystech Electonics Corp. LM1101N5 Datasheet HTML 5Page - Cystech Electonics Corp. LM1101N5 Datasheet HTML 6Page - Cystech Electonics Corp. LM1101N5 Datasheet HTML 7Page - Cystech Electonics Corp. LM1101N5 Datasheet HTML 8Page - Cystech Electonics Corp. LM1101N5 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C552N5
Issued Date : 2010.10.26
Revised Date :
Page No. : 2/10
LM1101N5
CYStek Product Specification
Typical Application Circuit
Pin Name
Pin No.
Pin Function
EN
1
Chip Enable Input (Active high).
GND
2
Ground.
VIN
3
Input Voltage. This is the source input to the power device that supplies current to
the output pin.
VOUT
4
Output Voltage. VOUT is power output pin. An internal pull low resistance exists
when the device is disabled. Minimum 1μF low ESR ceramic capacitor is required at
this pin for stabilizing VOUT voltage.
FB
5
Feedback Voltage. FB is the non-inverting input to the error amplifier. A resistor
divider from the output to GND is used to set the regulation voltage as
VOUT= 0.8 * (1+R1/R2 )(V) . This pin has high impedance and should be kept from
non-inverting input to noisy source to guarantee stable operation.
Pin Assignment
Function Block Diagram


유사한 부품 번호 - LM1101N5

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM110 NSC-LM110 Datasheet
348Kb / 16P
   Voltage Follower
logo
Intersil Corporation
LM110 INTERSIL-LM110 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Rochester Electronics
LM110 ROCHESTER-LM110 Datasheet
813Kb / 1P
   VERSATILE VOLTAGE FOLLOWER from the LM110 series of Op Amps
logo
General Electric Compan...
LM1100 GEC-LM1100 Datasheet
201Kb / 1P
   Full Size HCMOS/TTL Compatible Oscillators
logo
SEMTECH ELECTRONICS LTD...
LM1100 SEMTECH_ELEC-LM1100 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - LM1101N5

제조업체부품명데이터시트상세설명
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Taiwan Semiconductor Co...
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
logo
Advanced Power Electron...
APE8833 A-POWER-APE8833 Datasheet
346Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G914X GMT-G914X_07 Datasheet
289Kb / 11P
   300mA High PSRR, Low-Noise LDO Regulators
logo
Taiwan Semiconductor Co...
TS9008 TSC-TS9008_14 Datasheet
328Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008ACX TSC-TS9008ACX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
logo
Global Mixed-mode Techn...
G916 GMT-G916 Datasheet
480Kb / 13P
   300mA High PSRR, Low Noise, LDO Regulators
logo
Taiwan Semiconductor Co...
TS9008ACX5 TSC-TS9008ACX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com