전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1310-0000-000F00H427H 데이터시트(PDF) 7 Page - Cree, Inc

부품명 CXA1310-0000-000F00H427H
상세설명  XLamp
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1310-0000-000F00H427H 데이터시트(HTML) 7 Page - Cree, Inc

Back Button CXA1310-0000-000F00H427H Datasheet HTML 3Page - Cree, Inc CXA1310-0000-000F00H427H Datasheet HTML 4Page - Cree, Inc CXA1310-0000-000F00H427H Datasheet HTML 5Page - Cree, Inc CXA1310-0000-000F00H427H Datasheet HTML 6Page - Cree, Inc CXA1310-0000-000F00H427H Datasheet HTML 7Page - Cree, Inc CXA1310-0000-000F00H427H Datasheet HTML 8Page - Cree, Inc CXA1310-0000-000F00H427H Datasheet HTML 9Page - Cree, Inc CXA1310-0000-000F00H427H Datasheet HTML 10Page - Cree, Inc CXA1310-0000-000F00H427H Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
7
XLamp CXa1310 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
fluX characteristics, ansi White order codes and bins - 36 V (i
f = 350 ma,
t
J = 85 °c)
The following tables provide order codes for XLamp CXA1310 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 16).
cct
range
cri
base order codes
min. luminous flux
@ 350 ma
chromaticity regions
order code
min
typ
group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
6500 K
70
75
K2
1200
1344
1A0, 1B0, 1C0, 1D0
CXA1310-0000-000N00K20e1
K4
1290
1445
CXA1310-0000-000N00K40e1
80
---
J4
1120
1255
1A0, 1B0, 1C0, 1D0
CXA1310-0000-000N0HJ40e1
K2
1200
1344
CXA1310-0000-000N0HK20e1
5700 K
70
75
K2
1200
1344
2A0, 2B0, 2C0, 2D0
CXA1310-0000-000N00K20e2
K4
1290
1445
CXA1310-0000-000N00K40e2
80
---
J4
1120
1255
2A0, 2B0, 2C0, 2D0
CXA1310-0000-000N0HJ40e2
K2
1200
1344
CXA1310-0000-000N0HK20e2
5000 K
70
75
K2
1200
1344
3A0, 3B0, 3C0, 3D0
CXA1310-0000-000N00K20e3
K4
1290
1445
CXA1310-0000-000N00K40e3
80
---
J4
1120
1255
3A0, 3B0, 3C0, 3D0
CXA1310-0000-000N0HJ40e3
K2
1200
1344
CXA1310-0000-000N0HK20e3
4000 K
70
75
K2
1200
1344
5A0, 5B0, 5C0, 5D0
CXA1310-0000-000N00K20e5
K4
1290
1445
CXA1310-0000-000N00K40e5
80
---
J4
1120
1255
5A0, 5B0, 5C0, 5D0
CXA1310-0000-000N0HJ40e5
K2
1200
1344
CXA1310-0000-000N0HK20e5


유사한 부품 번호 - CXA1310-0000-000F00H427H

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1310AQ SONY-CXA1310AQ Datasheet
305Kb / 13P
   Single Chip Processing for CCD Monochrome Camera
More results

유사한 설명 - CXA1310-0000-000F00H427H

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com