전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FWDR09P25-K1063 데이터시트(PDF) 6 Page - Molex Electronics Ltd.

부품명 FWDR09P25-K1063
상세설명  Wasserdichte Steckverbindersysteme
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

FWDR09P25-K1063 데이터시트(HTML) 6 Page - Molex Electronics Ltd.

  FWDR09P25-K1063 Datasheet HTML 1Page - Molex Electronics Ltd. FWDR09P25-K1063 Datasheet HTML 2Page - Molex Electronics Ltd. FWDR09P25-K1063 Datasheet HTML 3Page - Molex Electronics Ltd. FWDR09P25-K1063 Datasheet HTML 4Page - Molex Electronics Ltd. FWDR09P25-K1063 Datasheet HTML 5Page - Molex Electronics Ltd. FWDR09P25-K1063 Datasheet HTML 6Page - Molex Electronics Ltd. FWDR09P25-K1063 Datasheet HTML 7Page - Molex Electronics Ltd. FWDR09P25-K1063 Datasheet HTML 8Page - Molex Electronics Ltd. FWDR09P25-K1063 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
100
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MAßE IN MILLIMETER (INCHES IN KLAMMERN)
DS 10/2007
Connectors with Straight PCB Termination, Ø 0.6 mm (Ø 0.024"), Pre-tinned
Steckverbinder mit geradem Einlötanschluss, Ø 0,6 mm, vorverzinnt
Number of Contacts
A
B
C
Order Number Pin
Order Number Socket
Inner Thread
On Request
Polzahl
±0,2
±0,1
±0,2
Bestellnummer Stift
Bestellnummer Buchse
Innengewinde
Auf Anfrage
(±0.008) (±0.004) (±0.008)
4-40 UNC
M3
9
40,0
25,0
21,0
FWDRM09P1
FWDRM09S1
Standard
-K415
(1.575)
(0.984)
(0.827)
Standard
15
48,3
33,3
21,0
FWDRM15P1
FWDRM15S1
Standard
-K415
(1.902)
(1.311)
(0.827)
Standard
25
62,0
47,04
21,00
FWDRM25P1
FWDRM25S1
Standard
-K415
(2.441)
(1.852)
(0.827)
Standard
37
78,5
63,5
21,0
FWDRM37P1
FWDRM37S1
Standard
-K415
(3.091)
(2.500)
(0.827)
Standard
50
76,1
61,1
23,2
FWDRM50P1
FWDRM50S1
Standard
-K415
(2.996)
(2.406)
(0.913)
Standard
Connectors with Right Angled PCB Termination, Ø 0.6 mm (Ø 0.024"), Pre-tinned
Steckverbinder mit abgewinkeltem Einlötanschluss, Ø 0,6 mm, vorverzinnt
Number of Contacts
A
B
C
D
E
Order Number Pin
Order Number Socket
Inner Thread
On Request
Polzahl
±0,2
±0,1
±0,2
±0,1
±0,2
Bestellnummer Stift
Bestellnummer Buchse
Innengewinde
Auf Anfrage
(±0.008) (±0.004) (±0.008) (±0.004) (±0.008)
4-40 UNC
M3
9
40,0
25,0
21,0
7,3
11,6
FWDRM09P25
FWDRM09S25
Standard
-K416
(1.575)
(0.984)
(0.827)
(0.287)
(0.457)
Standard
15
48,3
33,3
21,0
7,3
11,6
FWDRM15P25
FWDRM15S25
Standard
-K416
(1.902)
(1.311)
(0.827)
(0.287)
(0.457)
Standard
25
62,0
47,04
21,0
7,3
11,6
FWDRM25P25
FWDRM25S25
Standard
-K416
(2.441)
(1.852)
(0.827)
(0.287)
(0.457)
Standard
37
78,5
63,5
21,0
7,3
11,6
FWDRM37P25
FWDRM37S25
Standard
-K416
(3.091)
(2.500)
(0.827)
(0.287)
(0.457)
Standard
50
76,1
61,1
23,2
8,8
12,84
FWDRM50P5
FWDRM50S5
Standard
-K416
(2.996)
(2.406)
(0.913)
(0.346)
(0.506)
Standard
Connectors with Right Angled PCB Terminations
Steckverbinder mit abgewinkeltem Leiterplattenanschluss
Connectors with Straight PCB Termination
Steckverbinder mit geradem Leiterplattenanschluss
Waterproof Connectors with Metal Watertight Frame
Wasserdichte Steckverbinder mit Metalldichtrahmen
PCB hole pattern:
see page 20
Leiterplattenlochbilder: siehe Seite 20
PCB hole pattern:
see page 20
Leiterplattenlochbilder: siehe Seite 20


유사한 부품 번호 - FWDR09P25-K1063

제조업체부품명데이터시트상세설명
logo
Power Systems GmbH+Co.K...
FWD-1205 POWER-SYSTEMS-FWD-1205 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
FWD-1209 POWER-SYSTEMS-FWD-1209 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
FWD-1212 POWER-SYSTEMS-FWD-1212 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
FWD-1215 POWER-SYSTEMS-FWD-1215 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
FWD-2405 POWER-SYSTEMS-FWD-2405 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com