전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFA75F-5 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 LFA75F-5
상세설명  AC-DC Power Supplies Open Frame/ Enclosed type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LFA75F-5 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  LFA75F-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers LFA75F-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers LFA75F-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers LFA75F-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers LFA75F-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers LFA75F-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers LFA75F-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers LFA75F-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers LFA75F-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LFA-3
LFA10F
External view
Block diagram
<PIN CONNECTION>
CN1
CN2
Pin No.
Input
1
AC(L)
2
3
AC(N)
4
5
FG
Pin No.
Output
1-V
2+V
I/O Connector
Mating connector
CN1
1-1123724-3
1-1123722-5
Chain
Loose
CN2
1-1123723-2
1-1123722-2
Terminal
Chain
Loose
1123721-1
1318912-1
1123721-1
1318912-1
(Mfr:
Tyco Electronics)
¶ The back side of P.C.B. of the power supply is assembled some
SMDs.
Be attention not to bump against the attached area by vibration.
¶ Use the spacer of 8mm length or more regarding insulation.
And do not use press-fitting bush.
¶ Point A, Point B are thermometry points. Please refer to
Instruction Manual 3.
¶ I/O Connector is Mfr. Tyco Electronics
¶ Option:-J1:(J.S.T) connector type. Refer to Instruction Manual 5.
¶ Tolerance : ±1 [±0.04]
¶ Weight : 55g max (without chassis and cover)
¶ PCB material / thickness : CEM3 / 1.6mm
¶ Optional chassis and cover material : Electric galvanizing steel board.
¶ Dimensions in mm, [ ]=inches
¶ Mounting torque (Mounting hole of chassis) : 0.6N
-m (6.3kgf-cm) max
Standard type
1
3
5
FG
2
1
CN2
CN1
Point A
Point B
Output(+)
Output(-)
Voltage adjust
(LFA10F-3R3-Y or optional)
2-
f3.5
Mounting Hole
Input(N)
Input(L)
Name plate
¶1 Surface mount device
PCB t=1.6
63.5
±0.5
5
73.5
f3.5
4-M3
Mounting Hole
f3.5
2-M3
Mounting Hole
Output(+)
Output(-)
FG
Input(L)
Input(N)
CN1
CN2
1
2
5
3
1
Chassis and cover type
93.5
5
83.5 ±0.5
5
83.5 ±0.5
¶1
4.6
FG
[0.2]
[2.89]
[0.18]
[0.2]
[0.2]
[3.68]
[2.5]
[3.29]
[3.29]
AC IN
85
264V
NOISE
FILTER
CONTROL
INVERTER
RECTIFIER
AND
FILTER
RECTIFIER
AND
FILTER
DC OUT
FG
TRANSFORMER
CONTROL
FUSE
AC250V
2A
Photocoupler
Photocoupler
OVER VOLTAGE
PROTECTION
CURRENT
SENSING
INRUSH
CURRENT
LIMIT
LFA


유사한 부품 번호 - LFA75F-5

제조업체부품명데이터시트상세설명
logo
RSG Electronic Componen...
LFA75F-5 RSG-LFA75F-5 Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA75F-5 RSG-LFA75F-5 Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results

유사한 설명 - LFA75F-5

제조업체부품명데이터시트상세설명
logo
RSG Electronic Componen...
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEB150F RSG-LEB150F_14 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA30F RSG-LFA30F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA100F RSG-LFA100F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
Coilcraft lnc.
LDC15F-2 COILCRAFT-LDC15F-2 Datasheet
810Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed type
logo
List of Unclassifed Man...
LEP240F-24 ETC2-LEP240F-24 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
RSG Electronic Componen...
LEA100F RSG-LEA100F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEP100F RSG-LEP100F_14 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA300F RSG-LFA300F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com