전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC807-40 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 BC807-40
상세설명  PNP SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC807-40 데이터시트(HTML) 1 Page - Diodes Incorporated

  BC807-40 Datasheet HTML 1Page - Diodes Incorporated BC807-40 Datasheet HTML 2Page - Diodes Incorporated BC807-40 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS11208 Rev. 9 - 2
1 of 3
BC807-16/-25/-40
BC807-16/ -25/ -40
PNP SURFACE MOUNT TRANSISTOR
Maximum Ratings @ T
A = 25°C unless otherwise specified
Notes:
1. Device mounted on ceramic substrate 0.7mm; 2.5cm2 area.
2. Short duration pulse test used to minimize self-heating effect.
Characteristic
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-500
mA
Peak Collector Current
ICM
-1000
mA
Peak Emitter Current
IEM
-1000
mA
Power Dissipation at TSB = 50°C (Note 1)
Pd
310
mW
Thermal Resistance, Junction to Substrate Backside (Note 1)
RqJSB
320
°C/W
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
403
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
Features
·
Ideally Suited for Automatic Insertion
·
Epitaxial Planar Die Construction
·
For Switching, AF Driver and Amplifier
Applications
·
Complementary NPN Types Available (BC817)
·
Case: SOT-23, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Pin Connections: See Diagram
·
Marking (See Page 3): BC807-16 5A, K5A
BC807-25 5B, K5B
BC807-40 5C,K5C
·
Ordering & Date Code Information: See Page 3
·
Approx. Weight: 0.008 grams
Mechanical Data
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic (Note 2)
Symbol
Min
Typ
Max
Unit
Test Condition
DC Current Gain
Current Gain Group -16
-25
-40
Current Gain Group -16
-25
-40
hFE
100
160
250
60
100
170
250
400
600
VCE = 1.0V, IC = 100mA
VCE = 1.0V, IC = 300mA
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.7
V
IC = 500mA, IB = 50mA
Base-Emitter Voltage
VBE
-1.2
V
VCE = 1.0V, IC = 300mA
Collector-Emitter Cutoff Current
ICES
——
-100
-5.0
nA
µA
VCE = 45V
VCE = 25V, Tj = 150°C
Emitter-Base Cutoff Current
IEBO
-100
nA
VEB = 4.0V
Gain Bandwidth Product
fT
100
MHz
VCE = 5.0V, IC = 10mA,
f = 50MHz
Collector-Base Capacitance
CCBO
12
pF
VCB = 10V, f = 1.0MHz
A
E
J
L
TOP VIEW
M
B
C
H
G
D
D
K
C
B
E
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.85
0.80
a
0
°
8
°
All Dimensions in mm


유사한 부품 번호 - BC807-40

제조업체부품명데이터시트상세설명
logo
General Semiconductor
BC807-40 GE-BC807-40 Datasheet
228Kb / 5P
   Small Signal Transistors (PNP)
logo
NXP Semiconductors
BC807-40 PHILIPS-BC807-40 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
Taiwan Semiconductor Co...
BC807-40 TSC-BC807-40 Datasheet
83Kb / 2P
   0.3 Watts PNP Plastic-Encapsulate Transistors
logo
Goodwork Semiconductor ...
BC807-40 GWSEMI-BC807-40 Datasheet
555Kb / 3P
   Ldeally suited for automatic insertion
logo
Micro Commercial Compon...
BC807-40 MCC-BC807-40 Datasheet
286Kb / 3P
   PNP Silicon General Purpose Transistors
More results

유사한 설명 - BC807-40

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BC807-16W DIODES-BC807-16W Datasheet
363Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS30577 Rev. 5 - 2
2DB1119S DIODES-2DB1119S_15 Datasheet
201Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
2DA1797 DIODES-2DA1797 Datasheet
111Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
   PNP Transistor Surface Mount
logo
Leshan Radio Company
L2SB772Q LRC-L2SB772Q Datasheet
137Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DXT2907A DIODES-DXT2907A_15 Datasheet
191Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DXT5401 DIODES-DXT5401_15 Datasheet
126Kb / 5P
   PNP SURFACE MOUNT TRANSISTOR
logo
Leshan Radio Company
L2SD882Q LRC-L2SD882Q Datasheet
137Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DZT953 DIODES-DZT953 Datasheet
203Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DS30941 Rev. 5 - 2
DZTA92 DIODES-DZTA92 Datasheet
251Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DCP51 DIODES-DCP51 Datasheet
189Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com