전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3215PPQX-EVB 데이터시트(PDF) 3 Page - Silicon Laboratories

부품명 SI3215PPQX-EVB
상세설명  EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3215PPQX-EVB 데이터시트(HTML) 3 Page - Silicon Laboratories

  SI3215PPQX-EVB Datasheet HTML 1Page - Silicon Laboratories SI3215PPQX-EVB Datasheet HTML 2Page - Silicon Laboratories SI3215PPQX-EVB Datasheet HTML 3Page - Silicon Laboratories SI3215PPQX-EVB Datasheet HTML 4Page - Silicon Laboratories SI3215PPQX-EVB Datasheet HTML 5Page - Silicon Laboratories SI3215PPQX-EVB Datasheet HTML 6Page - Silicon Laboratories SI3215PPQX-EVB Datasheet HTML 7Page - Silicon Laboratories SI3215PPQX-EVB Datasheet HTML 8Page - Silicon Laboratories SI3215PPQX-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Si321xPPQx-EVB
Rev. 1.2
3
1.3. ProSLIC Evaluation Board Setup
To prepare the ProSLIC evaluation board for use,
perform the following steps:
1. Set power supplies to 3.3 V, 5 V, and 12 V.
2. With these supplies off, connect them to J3 and J4
corresponding to the silk screen designators.
3. Connect the PC’s parallel port (LPT1) to P1 (or J1)
using a 25-pin D male-to-male cable.
4. Select the on-board PCM clock source, or select an
external PCM source, and connect an Audio
Precision SIA-2322 to P2 and P3 or a Wandel and
Goltermann PCM-4 to J8, J9, J10, and J11.
5. TIP/RING connection can be made from the RJ-11 to
a phone or telephony test equipment.
6. Invoke the ProSLIC LINC software.
7. Turn the power supplies on and press the ProSLIC
evaluation board reset button (S1).
8. Click the “Reinitialize” button in the ProSLIC LINC
software panel
The ProSLIC is now ready to perform its linecard
function.
Table 2. Motherboard Power Connections
J2, J3, J4
Si321x
Si321xM
VBRING
NC
NC
VBHI
NC
NC
VBLO
NC
NC
GND
GND
GND1
GND1
GND
+3 V
+3.3 V2
+3.3 V2
+5 V
+5 V
+5 V
+VIN
+9 to 12 V3
+5 V3
Notes:
1. All three GND connection points are electrically
connected on the board.
2. +3.3 V is only necessary if that is the desired VDD for
operation. Si321x chooses +3.3 V or +5 V based on
the SP1 of the motherboard (see schematic).
3. This may be changed based on application-specific
circuits. Consult the dc-dc converter spreadsheet for
other possible values.
Table 3. On-Board PCLK Settings (S2)
S2-1,2,3
S2-4
S2-5
S2-6
S2-7
S2-8
PCLK frequency
Unused
Unused
Unused
Unused
FS enable
0,0,0 = 8.192 MHz
0,0,1 = 4.096 MHz
0,1,0 = 2.048 MHz
0,1,1 = 1.024 MHz
1,x,x = 512 kHz
x
x
x
x
0 = FS disabled
1 = FS enabled
Note: 1 = on.
Table 4. JP1–4 Settings
Jumper
Function
Jumper Location
Default Factory
Setting
1–2
2–3
JP1
VDD Level Select
+3 V
+5 V
1–2
JP2
VPCM Level Select
+3 V
+5 V
2–3
JP3
FSYNC Level Select
Internal
External
1–2
JP4
PCLK Source Select
Internal
External
1–2


유사한 부품 번호 - SI3215PPQX-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3215PPQX-EVB SILABS-SI3215PPQX-EVB Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
More results

유사한 설명 - SI3215PPQX-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3220PPT-EVB SILABS-SI3220PPT-EVB Datasheet
777Kb / 16P
   EVALUATION BOARD FOR THE Si3220 DUAL PROSLIC
SI3232PPT0-EVB SILABS-SI3232PPT0-EVB Datasheet
1,017Kb / 18P
   EVALUATION BOARD FOR THE Si3232 DUAL PROSLIC
SI3225PPT-EVB SILABS-SI3225PPT-EVB Datasheet
693Kb / 16P
   EVALUATION BOARD FOR THE Si3225 DUAL PROSLIC
AN45 SILABS-AN45 Datasheet
219Kb / 14P
   DESIGN GUIDE FOR THE Si3210/15/16 DC-DC CONVERTER
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
Silicon Laboratories
SI2493 SILABS-SI2493 Datasheet
684Kb / 36P
   Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com