전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADR3440ARJZ 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADR3440ARJZ
상세설명  Tape and Reel Packaging
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADR3440ARJZ 데이터시트(HTML) 3 Page - Analog Devices

  ADR3440ARJZ Datasheet HTML 1Page - Analog Devices ADR3440ARJZ Datasheet HTML 2Page - Analog Devices ADR3440ARJZ Datasheet HTML 3Page - Analog Devices ADR3440ARJZ Datasheet HTML 4Page - Analog Devices ADR3440ARJZ Datasheet HTML 5Page - Analog Devices ADR3440ARJZ Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Table 1. Standard Package Tape and Reel (See Page 5 for Reel Definitions)
Device Package Type
Package
Designator
Body Size
(mm)
Number
of Leads
Reel Quantity
Tape Width
(mm)
Tape Pitch
(mm)
Pin 1
Orientation
7" Reel
13" Reel (4" Hub)
13" Reel (6" Hub)
PLCC
P
N/A
20
250
1000
N/A
16
12
M1
PLCC
P
N/A
28, 32
Not offered
750
N/A
24
16
M1
PLCC
P
N/A
44
Not offered
500
N/A
32
24
M1
PLCC
P
N/A
68
Not offered
N/A
250
44
32
M1
PLCC
P
N/A
84
Not offered
N/A
250
44
36
M1
JLCC
J
N/A
28
Not offered
250
N/A
24
16
M1
JLCC
J
N/A
44
Not offered
500
N/A
32
24
M1
LCC
E
N/A
8
250
3000
N/A
12
8
M1
SOIC_N/SOIC_N_EP
R/RD
N/A
8
1000
2500
N/A
12
8
C1
SOIC_N/SOIC_N_EP
R/RD
N/A
14, 16
1000
2500
N/A
16
8
C1
QSOP
RQ/RC
N/A
16
1000
2500
N/A
12
8
C1
QSOP
RQ
N/A
20, 24, 28
1000
2500
N/A
16
8
C1
SOIC_W/SOIC_W_BAT
RW/RB
N/A
14, 16
400
1000
N/A
16
12
C1
SOIC_W/SOIC_W_BAT
RW/RB
N/A
18
400
1000
N/A
24
16
C1
SOIC_W/SOIC_W_BAT
RW/RB
N/A
20, 24
400
1000
N/A
24
12
C1
SOIC_W/SOIC_W_BAT
RW/RB
N/A
28
400
1000
N/A
32
12
C1
SSOP
RS
N/A
16, 20, 24
500
1500
N/A
16
12
C1
SSOP
RS
N/A
28
500
1500
N/A
24
12
C1
PSOP2
RP
N/A
20, 28
200
1000
N/A
24
12
C1
PSOP3
RR
N/A
20
Not offered
750
N/A
24
20
C1
SOT_23_3
RT
N/A
3
3000
10,000
N/A
8
4
C4
SOT_231
RJ/RT
N/A
5, 6, 8
3000
10,000
N/A
8
4
C4
SOT-143
RA
N/A
4
3000
10,000
N/A
8
4
C4
TSOT
UJ
N/A
5, 6, 8
3000
10,000
N/A
8
4
C4
SOT-223
KC
N/A
3
500
2500
N/A
16
12
C4
SC70
KS
N/A
3, 4, 5, 6
3000
10,000
N/A
8
4
C4
TSSOP_4.4
RU/RE
N/A
8, 14, 16, 20,
24, 28, 38
1000
2500
N/A
16
8
C1
TSSOP_6.1
RV
N/A
28, 48
Not offered
2500
N/A
24
12
C1
MSOP
RM/RH
N/A
8, 10
1000
3000
N/A
12
8
C1
CERPAK
QC
N/A
14
Not offered
750
N/A
24
16
C1
TQFP
SU/SV
7
× 7 × 1.0
All counts
500
2000
Not offered
16
12
C2
TQFP
SU/SV
10
× 10 × 1.0
All counts
Not offered
1500
Not offered
24
16
C2
TQFP
SU/SV
12
× 12 × 1.0
All counts
Not offered
1000
Not offered
24
24
C2
TQFP
SU/SV
14
× 14 × 1.0
All counts
Not offered
1000
Not offered
32
24
C2
LQFP
ST
7
× 7 × 1.4
All counts
500
2000
Not offered
16
12
C2
LQFP
ST
10
× 10 × 1.4
All counts
Not offered
1500
Not offered
24
16
C2
LQFP
ST
12
× 12 × 1.4
All counts
Not offered
1000
Not offered
24
24
C2
LQFP
ST
14
× 14 × 1.4
All counts
Not offered
1000
Not offered
32
24
C2
LQFP
ST
14
× 20 × 1.4
All counts
Not offered
1000
Not offered
44
24
C1
3
| Tape and Reel Packaging


유사한 부품 번호 - ADR3440ARJZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR3440ARJZ-R2 AD-ADR3440ARJZ-R2 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
ADR3440ARJZ-R7 AD-ADR3440ARJZ-R7 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
More results

유사한 설명 - ADR3440ARJZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
   Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
   Tape and reel packaging
May 2014 Rev 5
logo
Coto Technology
CT10-1532-G2 COTO-CT10-1532-G2 Datasheet
1Mb / 2P
   Tape and reel packaging
logo
Connor-Winfield Corpora...
EC277 CONNOR-WINFIELD-EC277 Datasheet
462Kb / 2P
   Tape and Reel Packaging
logo
M/A-COM Technology Solu...
MAADCC0006 MA-COM-MAADCC0006_15 Datasheet
799Kb / 6P
   Tape and Reel Packaging Available
MABA-011037 MA-COM-MABA-011037 Datasheet
554Kb / 4P
   Tape and reel packaging available
MAAD-007082 MA-COM-MAAD-007082 Datasheet
825Kb / 8P
   Tape and Reel Packaging Available
MAAD-007083 MA-COM-MAAD-007083 Datasheet
787Kb / 5P
   Tape and Reel Packaging Available
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com