전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTBA5C10Q8 데이터시트(PDF) 4 Page - Cystech Electonics Corp.

부품명 MTBA5C10Q8
상세설명  N- AND P-Channel Logic Level Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA5C10Q8 데이터시트(HTML) 4 Page - Cystech Electonics Corp.

  MTBA5C10Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTBA5C10Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTBA5C10Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTBA5C10Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTBA5C10Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTBA5C10Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTBA5C10Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTBA5C10Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTBA5C10Q8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C744Q8
Issued Date : 2009.10.16
Revised Date : 2011.10.03
Page No. : 4/10
MTBA5C10Q8
CYStek Product Specification
N-channel Characteristic Curves
V - Drain-Source Voltage( V )
0
0
3
DS
1
2
8.0V
V = 10V
6
9
7.0V
GS
5.0V
3
45
On-Region Characteristics
15
12
6.0V
On-Resistance Variation with Drain Current and Gate Voltage
6.0 V
1.6
0.8
0
1.2
1.0
1.4
36
2.2
1.8
2.0
2.4
912
7.0 V
8.0 V
10 V
15
I - Drain Current( A )
D
GS
V = 5.0 V
On-Resistance Variation with Temperature
T - Junction Temperature (°C)
0.4
-50
0.7
1.0
0
J
-25
25
D
I = 2.5A
V
= 10V
1.3
1.6
1.9
GS
125
50
75
100
150
On-Resistance Variation with Gate-Source Voltage
T = 125°C
V - Gate-Source Voltage( V )
0.05
2
0.10
0.20
0.15
GS
4
6
T = 25°C
A
A
0.40
0.30
0.25
0.35
0.45
810
I = 1.5 A
D
Body Diode Forward Voltage Variation with
Source Current and Temperature
25°C
T = 125°C
V - Body Diode Forward Voltage( V )
0.001
0
0.01
0.1
0.4
SD
0.2
0.6
V = 0V
1
10
100
A
GS
1.0
0.8
1.2
-55°C
1.4
T = -55°C
V - Gate-Source Voltage( V )
2
2
0
4
3
GS
V = 10V
8
6
10
12
DS
A
5
4
6
25°C
125°C
Transfer Characteristics


유사한 부품 번호 - MTBA5C10Q8

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8-0-T6-G CYSTEKEC-MTBA5C10V8-0-T6-G Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results

유사한 설명 - MTBA5C10Q8

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTC5806V8 CYSTEKEC-MTC5806V8 Datasheet
507Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C15Q8 CYSTEKEC-MTBA6C15Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTB25C04Q8 CYSTEKEC-MTB25C04Q8 Datasheet
489Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC2790KQ8 CYSTEKEC-MTC2790KQ8 Datasheet
478Kb / 13P
   N- And P-Channel Logic Level Enhancement Mode MOSFET
MTC5806V8 CYSTEKEC-MTC5806V8_16 Datasheet
878Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC380Q8 CYSTEKEC-MTC380Q8 Datasheet
378Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC8402S6R CYSTEKEC-MTC8402S6R Datasheet
356Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C12Q8 CYSTEKEC-MTBA6C12Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com