전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTBA5N10FP-K 데이터시트(PDF) 2 Page - Cystech Electonics Corp.

부품명 MTBA5N10FP-K
상세설명  N-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA5N10FP-K 데이터시트(HTML) 2 Page - Cystech Electonics Corp.

  MTBA5N10FP-K Datasheet HTML 1Page - Cystech Electonics Corp. MTBA5N10FP-K Datasheet HTML 2Page - Cystech Electonics Corp. MTBA5N10FP-K Datasheet HTML 3Page - Cystech Electonics Corp. MTBA5N10FP-K Datasheet HTML 4Page - Cystech Electonics Corp. MTBA5N10FP-K Datasheet HTML 5Page - Cystech Electonics Corp. MTBA5N10FP-K Datasheet HTML 6Page - Cystech Electonics Corp. MTBA5N10FP-K Datasheet HTML 7Page - Cystech Electonics Corp. MTBA5N10FP-K Datasheet HTML 8Page - Cystech Electonics Corp. MTBA5N10FP-K Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C731FP
Issued Date : 2012.12.06
Revised Date :
Page No. : 2/ 10
MTBA5N10FP
CYStek Product Specification
Absolute Maximum Ratings (TC=25
°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage (Note 1)
VDS
100
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @TC=25
°C, VGS=10V
(Note 1)
10
Continuous Drain Current @TC=100
°C, VGS=10V
(Note 1)
ID
6.3
Continuous Drain Current @TA=25
°C, VGS=10V
(Note 2)
2.5
Continuous Drain Current @TA=70
°C, VGS=10V
(Note 2)
IDSM
2
Pulsed Drain Current @ VGS=10V
(Note 3)
IDM
20
Avalanche Current
(Note 3)
IAS
10
A
Single Pulse Avalanche Energy @ L=0.2mH, ID=10Amps,
VDD=25V
(Note 2)
EAS
10
Repetitive Avalanche Energy
(Note 3)
EAR
3
mJ
TC=25
°C
(Note 1)
31
TC=100
°C
(Note 1)
PD
12
TA=25
°C
(Note 2)
2
Power Dissipation
TA=70
°C
(Note 2)
PDSM
1.3
W
Maximum Temperature for Soldering @ Lead at 0.063 in(1.6mm)
from case for 10 seconds
TL
300
Maximum Temperature for Soldering @ Package Body for 10
seconds
TPKG
260
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
*Drain current limited by maximum junction temperature
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
RθJC
4
°C/W
Thermal Resistance, Junction-to-ambient, max (Note 2)
RθJA
62.5
°C/W
Note : 1
.The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful
in setting the upper dissipation limit for cases where additional heatsinking is used.
2
. The value of RθJA is measured with the device mounted on 1 in²FR-4 board with 2 oz. copper, in a still air
environment with TA=25°C. The power dissipation PDSM is based on RθJA and the maximum allowed junction
temperature of 150°C. The value in any given application depends on the user’s specific board design, and the
maximum temperature of 175°C may be used if the PCB allows it.
3
. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency
and low duty cycles to keep initial TJ=25°C.


유사한 부품 번호 - MTBA5N10FP-K

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTBA5N10FP CYSTEKEC-MTBA5N10FP Datasheet
356Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - MTBA5N10FP-K

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com