전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTBA5N10V8 데이터시트(PDF) 9 Page - Cystech Electonics Corp.

부품명 MTBA5N10V8
상세설명  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA5N10V8 데이터시트(HTML) 9 Page - Cystech Electonics Corp.

  MTBA5N10V8 Datasheet HTML 1Page - Cystech Electonics Corp. MTBA5N10V8 Datasheet HTML 2Page - Cystech Electonics Corp. MTBA5N10V8 Datasheet HTML 3Page - Cystech Electonics Corp. MTBA5N10V8 Datasheet HTML 4Page - Cystech Electonics Corp. MTBA5N10V8 Datasheet HTML 5Page - Cystech Electonics Corp. MTBA5N10V8 Datasheet HTML 6Page - Cystech Electonics Corp. MTBA5N10V8 Datasheet HTML 7Page - Cystech Electonics Corp. MTBA5N10V8 Datasheet HTML 8Page - Cystech Electonics Corp. MTBA5N10V8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Spec. No. : C731V8
Issued Date : 2012.08.24
Revised Date :
Page No. : 9/9
CYStech Electronics Corp.
MTBA5N10V8
CYStek Product Specification
DFN3×3 Dimension
Marking:
Date
Code
S
S
S
G
D D
D D
BA5
N10
8-Lead DFN3×3 Plastic Package
CYStek Package Code: V8
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.0276
0.0354
0.70
0.90
E
0.1181
0.1260
3.00
3.20
A1
0.0000
0.0197
0.00
0.50
E1
0.0531
0.0610
1.35
1.55
b
0.0094
0.0138
0.24
0.35
e
0.0256 BSC
0.65 BSC
c
0.0039
0.0079
0.10
0.20
H
0.1260
0.1339
3.20
3.40
D
0.1280
0.1339
3.25
3.40
L
0.0118
0.0197
0.30
0.50
D1
0.1201
0.1280
3.05
3.25
L1
0.0039
0.0079
0.10
0.20
D2
0.0945
0.1024
2.40
2.60
L2
0.0445 REF
1.13 REF
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


유사한 부품 번호 - MTBA5N10V8

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTBA5N10FP CYSTEKEC-MTBA5N10FP Datasheet
356Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTBA5N10FP-K CYSTEKEC-MTBA5N10FP-K Datasheet
356Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTBA5N10J3 CYSTEKEC-MTBA5N10J3 Datasheet
304Kb / 7P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTBA5N10Q8 CYSTEKEC-MTBA5N10Q8 Datasheet
308Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
More results

유사한 설명 - MTBA5N10V8

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com