전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMF17A 데이터시트(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

부품명 SMF17A
상세설명  Glass Passivated TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
홈페이지  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMF17A 데이터시트(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMF17A Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF17A Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF17A Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF17A Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TVS: SMF5.0 thru SMF170A
Glass Passivated TVS
Electrical Characteristics(TA = 25 °C unless otherwise noted)
Test
Current
Stand-
off
Voltage
IT (mA) VWM (V)
10
5.0
10
5.0
10
6.0
10
6.0
10
6.5
10
6.5
10
7.0
10
7.0
1.0
7.5
1.0
7.5
1.0
8.0
1.0
8.0
1.0
8.5
1.0
8.5
1.0
9.0
1.0
9.0
1.0
10
1.0
10
1.0
11
1.0
11
1.0
12
1.0
12
1.0
13
1.0
13
1.0
14
1.0
14
1.0
15
1.0
15
1.0
16
1.0
16
1.0
17
1.0
17
1.0
18
1.0
18
1.0
20
1.0
20
1.0
22
1.0
22
1.0
24
1.0
24
1.0
26
1.0
26
1.0
28
1.0
28
1.0
30
1.0
30
Notes:
(1) For bi-directional devices, use suffix C or CA (e.g. SMF5.0C, SMF5.0CA). Electrical characteristics apply in both directions.
(2) IT pulse test:tp≤5.0mS
(3) Surge current waveform 10 / 1000 μS.
(4) For bidirectional types with VWM of 10 volts and less, the ID limit is doubled.
TRR House
No.
Marking
Code
Breakdown Voltage at IT
(2)
V(BR) (V)
Maximum
Reverse
Leakage
at VWM
(4)
Maximum
Peak Pulse
Surge
Current
(3)
Maximum
Clamping
Voltage
at IPPM
UNI
UNI
Min
Max
ID (µA)
IPPM (A)
VC (V)
SMF5.0
KD
6.40
7.82
400
20.80
9.6
SMF5.0A
KE
6.40
7.00
400
21.70
9.2
SMF6.0
KF
6.67
8.15
400
17.55
11.4
SMF6.0A
KG
6.67
7.37
400
19.40
10.3
SMF6.5
KH
7.22
8.82
250
16.30
12.3
SMF6.5A
KK
7.22
7.98
250
17.90
11.2
SMF7.0
KL
7.78
9.51
100
15.10
13.3
SMF7.0A
KM
7.78
8.60
100
16.70
12.0
SMF7.5
KN
8.33
10.20
50
14.00
14.3
SMF7.5A
KP
8.33
9.21
50
15.50
12.9
SMF8.0
KQ
8.89
10.90
25
13.35
15.0
SMF8.0A
KR
8.89
9.83
25
14.70
13.6
SMF8.5
KS
9.44
11.50
10
12.60
15.9
SMF8.5A
KT
9.44
10.40
10
13.90
14.4
SMF9.0
KU
10.00
12.20
5.0
11.85
16.9
SMF9.0A
KV
10.00
11.10
5.0
13.00
15.4
SMF10
KW
11.10
13.60
2.5
10.70
18.8
SMF10A
KX
11.10
12.30
2.5
11.80
17.0
SMF11
KY
12.20
14.90
2.5
9.95
20.1
SMF11A
KZ
12.20
13.50
2.5
11.00
18.2
SMF12
LD
13.30
16.30
2.5
9.15
22.0
SMF12A
LE
13.30
14.70
2.5
10.10
19.9
SMF13
LF
14.40
17.60
1.0
8.40
23.8
SMF13A
LG
14.40
15.90
1.0
9.30
21.5
SMF14
LH
15.60
19.10
1.0
7.75
25.8
SMF14A
LK
15.60
17.20
1.0
8.60
23.2
SMF15
LL
16.70
20.40
1.0
7.45
26.9
SMF15A
LM
16.70
18.50
1.0
8.20
24.4
SMF16
LN
17.80
21.80
1.0
6.95
28.8
SMF16A
LP
17.80
19.70
1.0
7.70
17.0
SMF17
LQ
18.90
23.10
1.0
6.50
30.5
SMF17A
LR
18.90
20.90
1.0
7.20
27.6
SMF18
LS
20.00
24.40
1.0
6.15
32.2
SMF18A
LT
20.00
22.10
1.0
6.80
29.2
SMF20
LU
22.20
27.10
1.0
5.65
35.8
SMF20A
LV
22.20
24.50
1.0
6.20
32.4
SMF22
LW
24.40
29.80
1.0
5.05
39.4
SMF22A
LX
24.40
26.90
1.0
5.60
35.5
SMF24
LY
26.70
32.60
1.0
4.60
43.0
SMF24A
LZ
26.70
29.50
1.0
5.10
38.9
SMF26
MD
28.90
35.30
1.0
4.35
46.6
SMF26A
ME
28.90
31.90
1.0
4.80
42.1
SMF28
MF
31.10
38.00
1.0
4.00
50.0
4.40
45.4
SMF30
MH
33.30
40.70
1.0
3.70
53.5
SMF28A
1.0
MG
31.10
34.40
48.4
SMF30A
MK
33.30
4.10
36.80
1.0
http://www.trr-jx.com


유사한 부품 번호 - SMF17A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SMF17A VISHAY-SMF17A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
UN Semiconducctor INC
SMF17A UNSEMI-SMF17A Datasheet
3Mb / 7P
   3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Nanjing International G...
SMF17A DGNJDZ-SMF17A Datasheet
384Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMF17A VISHAY-SMF17A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
Anova Technologies CO.,...
SMF17A ANOVA-SMF17A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
More results

유사한 설명 - SMF17A

제조업체부품명데이터시트상세설명
logo
Guangdong Juxing Electr...
1.5SMC6.8A JUXING-1.5SMC6.8A Datasheet
807Kb / 4P
   Glass Passivated TVS
logo
Shenzhen Luguang Electr...
30KPA28A LUGUANG-30KPA28A Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
15KPA17A LUGUANG-15KPA17A Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
20KPA20A LUGUANG-20KPA20A Datasheet
116Kb / 2P
   Glass Passivated Junction TVS
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
   GLASS PASSIVATED GLASS PASSIVATED
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
   GLASS PASSIVATED GLASS PASSIVATED
logo
Shenzhen Taychipst Elec...
EGP15A TAYCHIPST-EGP15A Datasheet
2Mb / 2P
   INTERED GLASS PASSIVATED INTERED GLASS PASSIVATED
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
EIC discrete Semiconduc...
GBU8A EIC-GBU8A Datasheet
168Kb / 2P
   Glass Passivated
GBU8005 EIC-GBU8005 Datasheet
64Kb / 2P
   Glass Passivated
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com