전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES0503 데이터시트(PDF) 2 Page - Bruckewell Technology LTD

부품명 ES0503
상세설명  Low Capacitance TVS Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BWTECH [Bruckewell Technology LTD]
홈페이지  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ES0503 데이터시트(HTML) 2 Page - Bruckewell Technology LTD

  ES0503 Datasheet HTML 1Page - Bruckewell Technology LTD ES0503 Datasheet HTML 2Page - Bruckewell Technology LTD ES0503 Datasheet HTML 3Page - Bruckewell Technology LTD ES0503 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bruckewell Technology Corp., Ltd.
Absolute ratings (limiting value)
Parameter
Symbol
Value
Unit
Peak Pulse Power (tp = 8/20µs)
PPK
120
W
Peak Pulse Current (tp = 8/20µs)
IPP
6
A
Operating Temperature
TJ
-55 to +125
Storage Temperature Range
Tstg
-55 to +150
Electrical Characteristics
VBR
CJ
Min.
Typ.
Max.
IT
VRWM
IR
TYP
Part Numbers
mA
V
uA
PF
ES0504
6
6.6
7.2
1
5
3
0.6
ES0503
3.9
4.8
5.6
1
3.3
5
0.6
Note 1: I/O pins are pin 1, 3, 4, and 6


유사한 부품 번호 - ES0503

제조업체부품명데이터시트상세설명
logo
EMP-Centauri s.r.o.
ES05-15 EMP-CENTAURI-ES05-15 Datasheet
512Kb / 1P
   UTP/coaxial ethernet switch 4in / 2out
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Xian Semipower Electron...
ES05AF SEMIPOWER-ES05AF Datasheet
130Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
DONGGUAN YOU FENG WEI E...
ES05AF YFWDIODE-ES05AF Datasheet
443Kb / 3P
   Surface Mount Superfast Recovery Rectifier
ES05AF-SMAF YFWDIODE-ES05AF-SMAF Datasheet
443Kb / 3P
   Surface Mount Superfast Recovery Rectifier
More results

유사한 설명 - ES0503

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com