전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6645 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRF6645
상세설명  120 W x 2 Channel Class D Audio Power Amplifier
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6645 데이터시트(HTML) 5 Page - International Rectifier

  IRF6645 Datasheet HTML 1Page - International Rectifier IRF6645 Datasheet HTML 2Page - International Rectifier IRF6645 Datasheet HTML 3Page - International Rectifier IRF6645 Datasheet HTML 4Page - International Rectifier IRF6645 Datasheet HTML 5Page - International Rectifier IRF6645 Datasheet HTML 6Page - International Rectifier IRF6645 Datasheet HTML 7Page - International Rectifier IRF6645 Datasheet HTML 8Page - International Rectifier IRF6645 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
www.irf.com
4
RD-0617
Functional Description
Class D Operation
Referring to CH1 as an example, the op-amp U1 forms a front-end second-order
integrator with C11, C13 & R25 + R29P. This integrator receives a rectangular feedback
waveform from the Class D switching stage and outputs a quadratic oscillatory waveform
as a carrier signal. To create the modulated PWM signal, the input signal shifts the
average value of this quadratic waveform (through gain relationship between R13 and
R31 + R33) so that the duty varies according to the instantaneous value of the analog
input signal. The IRS20955 input comparator processes the signal to create the required
PWM signal. This PWM signal is internally level-shifted down to the negative supply rail
where this signal is split into two signals, with opposite polarity and added deadtime, for
high-side and low-side MOSFET gate signals, respectively. The IRS20955 drives two
IRF6645 DirectFET MOSFETs in the power stage to provide the amplified PWM
waveform. The amplified analog output is re-created by demodulating the amplified
PWM. This is done by means of the LC low-pass filter (LPF) formed by L1 and C23,
which filters out the Class D switching carrier signal.
Figure 2. Simplified Block Diagram of Class D Amplifier
Power Supplies
The IRAUDAMP4 has all the necessary housekeeping power supplies onboard and only
requires a pair of symmetric power supplies ranging from ±25 V to ±35 V (+B, GND, -B)
for operation. The internally-generated housekeeping power supplies include a ±5 V
supply for analog signal processing (preamp, etc.), while a +12 V supply (VCC),
referenced to –B, is included to supply the Class D gate-driver stage.
For the externally-applied power, a regulated power supply is preferable for performance
measurements, but not always necessary. The bus capacitors, C31 and C32 on the
motherboard, along with high-frequency bypass-caps C15-C18 on daughter board,
address the high-frequency ripple current that result from switching action. In designs
involving unregulated power supplies, the designer should place a set of bus capacitors,
having enough capacitance to handle the audio-ripple current, externally. Overall
regulation and output voltage ripple for the power supply design are not critical when
using the IRAUDAMP4 Class D amplifier as the power supply rejection ratio (PSRR) of
the IRAUDAMP4 is excellent (Figure 3).
IRF6645
Direct-FET
Feedback
GND
LPF
+B
-B
Σ
IRS20955S
Gate Driver
U1
U1
Daughter-board
Integrator
PWM
Modulator
and Level
Shifter


유사한 부품 번호 - IRF6645

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6645 IRF-IRF6645 Datasheet
245Kb / 9P
   DirectFET Power MOSFET Typical calues (unless otherwise specified)
logo
Vishay Siliconix
IRF6645 VISHAY-IRF6645 Datasheet
176Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
International Rectifier
IRF66451PBF IRF-IRF66451PBF Datasheet
239Kb / 9P
   RoHS Compliant, Halogen-Free
IRF6645PBF IRF-IRF6645PBF Datasheet
226Kb / 9P
   DirectFETPower MOSFET 
IRF6645PBF IRF-IRF6645PBF Datasheet
239Kb / 9P
   RoHS Compliant, Halogen-Free
More results

유사한 설명 - IRF6645

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRAUDAMP4A IRF-IRAUDAMP4A_15 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
logo
NXP Semiconductors
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
logo
International Rectifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
logo
Texas Instruments
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com