전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6645 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRF6645
상세설명  120 W x 2 Channel Class D Audio Power Amplifier
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6645 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRF6645 Datasheet HTML 5Page - International Rectifier IRF6645 Datasheet HTML 6Page - International Rectifier IRF6645 Datasheet HTML 7Page - International Rectifier IRF6645 Datasheet HTML 8Page - International Rectifier IRF6645 Datasheet HTML 9Page - International Rectifier IRF6645 Datasheet HTML 10Page - International Rectifier IRF6645 Datasheet HTML 11Page - International Rectifier IRF6645 Datasheet HTML 12Page - International Rectifier IRF6645 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
www.irf.com
8
RD-0617
or have them separated by at least 25 kHz. With the installed components, it is possible
to change the self-oscillating frequency from about 160 kHz up to 600 kHz.
Potentiometers for adjusting self-oscillating frequency
R29P
Switching frequency for CH1*
R30P
Switching frequency for CH2*
*Adjustments have to be done at an idling condition with no signal input.
Switches and Indicators
There are three different indicators on the reference design:
– An orange LED, signifying a fault / shutdown condition when lit.
– A green LED on the motherboard, signifying conditions are normal and no fault
condition is present.
– A green LED on the daughter board, signifying there is power.
There are three switches on the reference design:
– Switch S1 is a trip and reset push-button. Pushing this button has the same effect of
a fault condition. The circuit will restart about three seconds after the shutdown
button is released.
– Switch S2 is an internal clock-sync frequency selector. This feature allows the
designer to modify the switching frequency in order to avoid AM radio interference.
With S3 is set to INT, the two settings “H” and “L” will modify the internal clock
frequency by about 20 kHz to 40 kHz, either higher “H” or lower “L.” The actual
internal frequency is set by potentiometer R113 - “INT FREQ.”
– Switch S3 is an oscillator selector. This three-position switch is selectable for
internal self-oscillator (middle position – “SELF”), or either internal (“INT”) or
external (“EXT”) clock synchronization.
Switching Frequency Lock / Synchronization Feature
For single-channel operation, the use of the self-oscillating switching scheme will yield
the best audio performance. The self-oscillating frequency, however, does change with
the duty ratio. This varying frequency can interfere with AM radio broadcasts, where a
constant-switching frequency with its harmonics shifted away from the AM carrier
frequency, is preferred. In addition to AM broadcasts, multiple channels can also reduce
audio performance at low power, and can lead to increased residual noise. Clock
frequency locking/synchronization can address these unwanted characteristics.
Please note that the switching frequency lock / synchronization feature is not possible for
all frequencies and duty ratios, and operates within a limited frequency and duty-ratio
range around the self-oscillating frequency (Figure 5).


유사한 부품 번호 - IRF6645

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6645 IRF-IRF6645 Datasheet
245Kb / 9P
   DirectFET Power MOSFET Typical calues (unless otherwise specified)
logo
Vishay Siliconix
IRF6645 VISHAY-IRF6645 Datasheet
176Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
International Rectifier
IRF66451PBF IRF-IRF66451PBF Datasheet
239Kb / 9P
   RoHS Compliant, Halogen-Free
IRF6645PBF IRF-IRF6645PBF Datasheet
226Kb / 9P
   DirectFETPower MOSFET 
IRF6645PBF IRF-IRF6645PBF Datasheet
239Kb / 9P
   RoHS Compliant, Halogen-Free
More results

유사한 설명 - IRF6645

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRAUDAMP4A IRF-IRAUDAMP4A_15 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
logo
NXP Semiconductors
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
logo
International Rectifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
logo
Texas Instruments
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com